| 전자부품 데이터시트 검색엔진 |
|
STM32F030C6 데이터시트(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F030C6 데이터시트(HTML) 30 Page - STMicroelectronics |
|
30 / 93 page ![]() Pinouts and pin descriptions STM32F030x4/x6/x8/xC 30/93 DS9773 Rev 4 22 16 12 12 PA6 I/O TTa - SPI1_MISO, TIM3_CH1, TIM1_BKIN, TIM16_CH1, EVENTOUT USART3_CTS(5) ADC_IN6 23 17 13 13 PA7 I/O TTa - SPI1_MOSI, TIM3_CH2, TIM14_CH1, TIM1_CH1N, TIM17_CH1, EVENTOUT ADC_IN7 24 - - - PC4 I/O TTa - EVENTOUT, USART3_TX(5) ADC_IN14 25 - - - PC5 I/O TTa - USART3_RX(5) ADC_IN15, WKUP5(5) 26 18 14 - PB0 I/O TTa - TIM3_CH3, TIM1_CH2N, EVENTOUT, USART3_CK(5) ADC_IN8 27 19 15 14 PB1 I/O TTa - TIM3_CH4, TIM14_CH1, TIM1_CH3N, USART3_RTS(5) ADC_IN9 28 20 - - PB2 I/O FT (6) -- 29 21 - - PB10 I/O FT - SPI2_SCK(5), I2C1_SCL(2), I2C2_SCL(3)(5), USART3_TX(5) - 30 22 - - PB11 I/O FT - I2C1_SDA(2), I2C2_SDA(3)(5), EVENTOUT, USART3_RX(5) - 31 23 16 - VSS S - - Ground 32 24 17 16 VDD S - - Digital power supply 33 25 - - PB12 I/O FT - SPI1_NSS(2), SPI2_NSS(3)(5), TIM1_BKIN, EVENTOUT, USART3_CK(5) - Table 11. STM32F030x4/6/8/C pin definitions (continued) Pin number Pin name (function after reset) Notes Pin functions Alternate functions Additional functions |