| 전자부품 데이터시트 검색엔진 |
|
STM32F030C6 데이터시트(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F030C6 데이터시트(HTML) 32 Page - STMicroelectronics |
|
32 / 93 page ![]() Pinouts and pin descriptions STM32F030x4/x6/x8/xC 32/93 DS9773 Rev 4 46 34 23 19 PA13 (SWDIO) I/O FT (7) IR_OUT, SWDIO - 47(4) 35(4) -- PF6 I/O FT (4) I2C1_SCL(2), I2C2_SCL(3) - 47(5) 35(5) - - VSS S - (5) Ground 48(4) 36(4) -- PF7 I/O FT (4) I2C1_SDA(2), I2C2_SDA(3) - 48(5) 36(5) -- VDD S - (5) Complementary power supply 49 37 24 20 PA14 (SWCLK) I/O FT (7) USART1_TX(2), USART2_TX(3)(5), SWCLK - 50 38 25 - PA15 I/O FT - SPI1_NSS, USART1_RX(2), USART2_RX(3)(5), USART4_RTS(5), EVENTOUT - 51 - - - PC10 I/O FT - USART3_TX(5), USART4_TX(5) - 52 - - - PC11 I/O FT - USART3_RX(5), USART4_RX(5) - 53 - - - PC12 I/O FT - USART3_CK(5), USART4_CK(5), USART5_TX(5) - 54 - - - PD2 I/O FT - TIM3_ETR, USART3_RTS(5), USART5_RX(5) - 55 39 26 - PB3 I/O FT - SPI1_SCK, EVENTOUT, USART5_TX(5) - 56 40 27 - PB4 I/O FT - SPI1_MISO, TIM3_CH1, EVENTOUT, TIM17_BKIN(5), USART5_RX(5) - 57 41 28 - PB5 I/O FT - SPI1_MOSI, I2C1_SMBA, TIM16_BKIN, TIM3_CH2, USART5_CK_RTS(5) WKUP6(5) Table 11. STM32F030x4/6/8/C pin definitions (continued) Pin number Pin name (function after reset) Notes Pin functions Alternate functions Additional functions |