전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CMT2N7000 데이터시트(PDF) 1 Page - List of Unclassifed Manufacturers

부품명 CMT2N7000
상세설명  Small Signal MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC1 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC1 - List of Unclassifed Manufacturers

CMT2N7000 데이터시트(HTML) 1 Page - List of Unclassifed Manufacturers

  CMT2N7000 Datasheet HTML 1Page - List of Unclassifed Manufacturers CMT2N7000 Datasheet HTML 2Page - List of Unclassifed Manufacturers CMT2N7000 Datasheet HTML 3Page - List of Unclassifed Manufacturers CMT2N7000 Datasheet HTML 4Page - List of Unclassifed Manufacturers CMT2N7000 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CMT2N7000
SMALL SIGNAL MOSFET
2002/10/07
Preliminary Rev. 1.0
Champion Microelectronic Corporation
Page 1
GENERAL DESCRIPTION
FEATURES
This N-Channel enhancement mode field effect transistor is
produced using high cell density, DMOS technology. These
products have been designed to minimize on-state
resistance while provide rugged, reliable, and fast switching
performance. It can be used in most applications requiring
up to 200mA DC and can deliver pulsed currents up to
500mA. This product is particularly suited for low voltage,
low current applications such as small servo motor control,
power MOSFET gate drivers, and other switching
applications.
!
High Density Cell Design for Low RDS(ON)
!
Voltage Controlled Small Signal Switch
!
Rugged and Reliable
!
High Saturation Current Capability
PIN CONFIGURATION
SYMBOL
TO-92
Top View
1
23
D
S
G
N-Channel MOSFET
ORDERING INFORMATION
Part Number
Package
CMT2N7000
TO-92
ABSOLUTE MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Drain Source Voltage
VDSS
60
V
Drain-Gate Voltage (RGS = 1.0MΩ)
VDGR
60
V
Drain to Current - Continuous
Pulsed
ID
IDM
200
500
mA
Gate-to-Source Voltage - Continue
Non-repetitive
VGS
VGSM
±20
±40
V
V
Total Power Dissipation
Derate above 25℃
PD
350
2.8
mW
mW/℃
Operating and Storage Temperature Range
TJ, TSTG
-55 to 150
Thermal Resistance - Junction to Ambient
θJA
357
/W
Maximum Lead Temperature for Soldering Purposes, 1/8” from case for 10 seconds
TL
300


유사한 부품 번호 - CMT2N7000

제조업체부품명데이터시트상세설명
logo
Formosa MS
CMT2N7002 FORMOSA-CMT2N7002 Datasheet
141Kb / 4P
SMALL SIGNAL MOSFET
logo
Champion Microelectroni...
CMT2N7002 CHAMP-CMT2N7002 Datasheet
213Kb / 6P
SMALL SIGNAL MOSFET
CMT2N7002 CHAMP-CMT2N7002 Datasheet
217Kb / 6P
SMALL SIGNAL MOSFET
CMT2N7002AG CHAMP-CMT2N7002AG Datasheet
207Kb / 5P
SMALL SIGNAL MOSFET
CMT2N7002DWG CHAMP-CMT2N7002DWG Datasheet
213Kb / 6P
SMALL SIGNAL MOSFET
More results

유사한 설명 - CMT2N7000

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NTJD4001N ONSEMI-NTJD4001N Datasheet
46Kb / 6P
Small Signal MOSFET
August, 2003 ??Rev. 0
BS170 ONSEMI-BS170 Datasheet
52Kb / 4P
Small Signal MOSFET Small Signal MOSFET Small Signal MOSFET
April, 2004 ??Rev. 4
logo
SeCoS Halbleitertechnol...
2N7002DW SECOS-2N7002DW Datasheet
142Kb / 3P
Small Signal MOSFET
logo
Leshan Radio Company
L2N7002KDW1T1G LRC-L2N7002KDW1T1G_15 Datasheet
1Mb / 6P
Small Signal MOSFET
L2N7002KN3T5G LRC-L2N7002KN3T5G_15 Datasheet
230Kb / 5P
Small Signal MOSFET
L2N7002KWT1G LRC-L2N7002KWT1G_15 Datasheet
685Kb / 6P
Small Signal MOSFET
L2N7002M3T5G LRC-L2N7002M3T5G_15 Datasheet
173Kb / 4P
Small Signal MOSFET
LNTA7002NT1G LRC-LNTA7002NT1G_15 Datasheet
410Kb / 5P
Small Signal MOSFET
logo
ON Semiconductor
NTR5103N ONSEMI-NTR5103N_16 Datasheet
133Kb / 5P
Small Signal MOSFET
October, 2016 ??Rev. 1
NTNS3C94NZ ONSEMI-NTNS3C94NZ_16 Datasheet
71Kb / 6P
Small Signal MOSFET
December, 2016 ??Rev. 1
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com