| 전자부품 데이터시트 검색엔진 |
|
FP6121-RWDG 데이터시트(PDF) 3 Page - Fitipower Integrated Technology Inc. |
|
|
|||||||||||||||||||||||||||||
FP6121-RWDG 데이터시트(HTML) 3 Page - Fitipower Integrated Technology Inc. |
|
3 / 12 page ![]() 3 FP6121-3.5-DEC-2013 FP6121 fitipower integrated technology lnc. Typical Application Circuit FP6121 EN1 VIN EN2 VOUT1 VOUT2 GND CIN COUT2 1μF 1μF 1μF COUT1 VOUT2 VOUT1 VIN Figure 2. Typical Application Circuit of FP6121 Note:To prevent oscillation, it is recommended to use minimum 1µF X7R or X5R dielectric capacitors if ceramics are used as input/output capacitors. Functional Pin Description Pin Name Pin Function VIN Power is supplied to this device from this pin which requires an input filter capacitor. In general, the input capacitor in the range of 1µF to 10µF is sufficient. VOUT1 The output supplies power to loads. The output capacitor is required to prevent output voltage unstable. The FP6121 is stable with an output capacitor 1µ F or greater. The larger output capacitor will be required for application with large transit load to limit peak voltage transits, besides could reduce output noise, improve stability and PSRR. VOUT2 The output supplies power to loads. The output capacitor is required to prevent output voltage unstable. The FP6121 is stable with an output capacitor 1µ F or greater. The larger output capacitor will be required for application with large transit load to limit peak voltage transits, besides could reduce output noise, improve stability and PSRR. GND Common ground pin EN1 Logic input control VOUT1 active or shut off. The enable pin can’t be left floating and must be tied to the Vin pin if not used. The shutdown mode which is independent for each channel, allowing for flexibility in power management. EN2 Logic input control VOUT2 active or shut off. The enable pin can’t be left floating and must be tied to the Vin pin if not used. The shutdown mode which is independent for each channel, allowing for flexibility in power management. |