전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LCL71C03ACPL 데이터시트(PDF) 12 Page - Intersil Corporation

부품명 LCL71C03ACPL
상세설명  Precision 4 1/2 Digit, A/D Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

LCL71C03ACPL 데이터시트(HTML) 12 Page - Intersil Corporation

Back Button LCL71C03ACPL Datasheet HTML 8Page - Intersil Corporation LCL71C03ACPL Datasheet HTML 9Page - Intersil Corporation LCL71C03ACPL Datasheet HTML 10Page - Intersil Corporation LCL71C03ACPL Datasheet HTML 11Page - Intersil Corporation LCL71C03ACPL Datasheet HTML 12Page - Intersil Corporation LCL71C03ACPL Datasheet HTML 13Page - Intersil Corporation LCL71C03ACPL Datasheet HTML 14Page - Intersil Corporation LCL71C03ACPL Datasheet HTML 15Page - Intersil Corporation LCL71C03ACPL Datasheet HTML 16Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
3-45
FIGURE 7. ICL8052A (8068A)/71C03A 41/2 DIGIT A/D CONVERTER
V+
41/2 / 3
1/
2
POLARITY
RUN/HOLD
COMP IN
V-
REFERENCE
REF. CAP. 1
REF. CAP. 2
ANALOG IN
ANALOG GND
CLOCK IN
UNDER-RANGE
OVER-RANGE
BUSY
D2
D3
D4
(MSB) B8
B2
(MSD) D5
STROBE
A-Z IN
A-Z OUT
DIGITAL GND
(LSD) D1
B4
(LSB) B1
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
V-
COMP OUT
REF CAP
REF BYPASS
GND
REF OUT
REF SUPPLY
INT OUT
+BUFF IN
+INT IN
-INT IN
-BUFF IN
BUFF OUT
V++
1
2
3
4
5
6
7
14
13
12
11
10
9
8
10
µF
-15V
10k
Ω
0.1
µF
+5V
SIGNAL
INPUT
CLOCK
IN
120kHz = 3
READINGS/SEC
150
Ω
150
Ω
4.7k
Ω
ICL71C03
ICL8068
10k
Ω
90k
Ω
a
b
c
d
e
f
g
B1
B2
B3
B4
7447
RBI
+5V
47k
Ω
1
2
3
4
5
36
10
10
µF
300
µF
-15V
300
1k
Ω
+15V
100
0.22
µF
1.0
µF
-15V
150
Ω
NOTE: For 31/2 digit, tie pin 2 low and change clock to 12kHz.
k
Ω
k
Ω
k
Ω
k
Ω
FIGURE 8. ICL8052-8068/71C03A PLASMA DISPLAY CIRCUIT
2.5k
Ω
47k
Ω
5k
Ω
+5V
POL
a
g
HI VOLTAGE BUFFER DI 505
POL D5
D4
D3
D2
D1
B8
B4
B2
B1
71C03A
3k
Ω
+5V
0V
0.02
µF
0.02
0.02
µF
GATES
ARE
7409
0.02
µF
0.02
µF
µF
8052A/
8068A
a
g
V+
PROG
A
RBI BI D
DM8880
ICL8052/ICL71C03, ICL8068/ICL71C03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com