전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LCL71C03ACPL 데이터시트(PDF) 16 Page - Intersil Corporation

부품명 LCL71C03ACPL
상세설명  Precision 4 1/2 Digit, A/D Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

LCL71C03ACPL 데이터시트(HTML) 16 Page - Intersil Corporation

Back Button LCL71C03ACPL Datasheet HTML 11Page - Intersil Corporation LCL71C03ACPL Datasheet HTML 12Page - Intersil Corporation LCL71C03ACPL Datasheet HTML 13Page - Intersil Corporation LCL71C03ACPL Datasheet HTML 14Page - Intersil Corporation LCL71C03ACPL Datasheet HTML 15Page - Intersil Corporation LCL71C03ACPL Datasheet HTML 16Page - Intersil Corporation LCL71C03ACPL Datasheet HTML 17Page - Intersil Corporation LCL71C03ACPL Datasheet HTML 18Page - Intersil Corporation LCL71C03ACPL Datasheet HTML 19Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
3-49
Interfacing with UARTs and
Microprocessors
Figure 15 shows a very simple interface between a free-run-
ning 8068/8052/71C03A and a UART. The five STROBE
pulses start the transmission of the five data words. The digit
5 word is 0000XXXX, digit 4 is 1000XXXX, digit 3 is
0100XXXX, etc. Also, the polarity is transmitted indirectly by
using it to drive the Even Parity Enable Pin (EPE). If EPE of
the receiver is held low, a parity flag at the receiver can be
decoded as a positive signal, no flag as negative. A complex
arrangement is shown in Figure 14. Here the UART can
instruct the A/D to begin a measurement sequence by a
word on RRI. The Busy signal resets the Data Ready Reset
(DRR). Again STROBE starts the transmit sequence. A
quad 2 input multiplexer is used to superimpose polarity,
over-range, and under-range onto the D5 word since in this
instance it is known that B2 = B4 = B8 = 0.
For correct operation it is important that the UART clock be
fast enough that each word is transmitted before the next
STROBE pulse arrives. Parity is locked into the UART at
load time but does not change in this connection during an
output stream.
Circuits to interface the 71C03(A) directly with three popular
microprocessors are shown in Figures 17, 18 and 19. The
main differences in the circuits are that the IM6100 with its
12-bit word capability can accept polarity, over-range, under-
range, 4 bits of BCD and 5 digits simultaneously where the
8080/8048 and the MC6800 groups with 8-bit words need to
have polarity, over-range and under-range multiplexed onto
the Digit 5 word - as in the UART circuits. In each case the
microprocessor can instruct the A/D when to begin a mea-
surement and when to hold this measurement.
Application Notes
FIGURE 12. CMOS OSCILLATOR
FIGURE 13. LM311 OSCILLATOR
FIGURE 14. GROSS OVERVOLTAGE PROTECTION CIRCUIT
R
37.5k
Ω
fOSC = 0.45/RC
C
100pF
LM311
-
+
1
4
3
2
7
8
56k
Ω
1k
Ω
30k
Ω
16k
Ω
16k
Ω
390pF
+5V
0.22
µF
A2
+
-
A3
+
-
INTEG.
COMP.
A1
+
-
BUFFER
14
11
9
INT OUT
-INT IN
BUF OUT
10
-BUF IN
-1.2V
2
1
-15V
7
8
+15V
12
+INT IN
13
8052A/
INT.
REF.
6
3
+BUF IN
5
REF
OUT
300pF
COMP
OUT
100K
0.22
µF
2N5458
2N5461
S
D
S
D
8068A
REF
COMP
TO ICL71C03
NOTE #
DESCRIPTION
AnswerFAX
DOC. #
AN016
“Selecting A/D Converters”
9016
AN017
“The Integrating A/D Converter”
9017
AN018
“Do’s and Don’ts of Applying A/D
Converters”
9018
AN023
“Low Cost Digital Panel Meter Designs”
9023
AN028
“Build an Auto-Ranging DMM Using the
8052A / 7103A A/D Converter Pair,” by
Larry Goff
9028
ICL8052/ICL71C03, ICL8068/ICL71C03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com