전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ESP32-D0WD 데이터시트(PDF) 34 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

부품명 ESP32-D0WD
상세설명  32-bit MCU & 2.4 GHz Wi-Fi & BT/BLE SoCs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
홈페이지  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32-D0WD 데이터시트(HTML) 34 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32-D0WD Datasheet HTML 30Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 31Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 32Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 33Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 34Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 35Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 36Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 37Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 38Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 60 page
background image
4. Peripherals and Sensors
4.1.16 LED PWM
The LED PWM controller can generate 16 independent channels of digital waveforms with configurable periods
and duties.
The 16 channels of digital waveforms operate with an APB clock of 80 MHz. Eight of these channels have the
option of using the 8 MHz oscillator clock. Each channel can select a 20-bit timer with configurable counting range,
while its accuracy of duty can be up to 16 bits within a 1 ms period.
The software can change the duty immediately. Moreover, each channel automatically supports step-by-step duty
increase or decrease, which is useful for the LED RGB color-gradient generator.
4.1.17 Serial Peripheral Interface (SPI)
ESP32 features three SPIs (SPI, HSPI and VSPI) in slave and master modes in 1-line full-duplex and 1/2/4-line
half-duplex communication modes. These SPIs also support the following general-purpose SPI features:
• Four modes of SPI transfer format, which depend on the polarity (CPOL) and the phase (CPHA) of the SPI
clock
• Up to 80 MHz (The actual speed it can reach depends on the selected pads, PCB tracing, peripheral char-
acteristics, etc.)
• up to 64-byte FIFO
All SPIs can also be connected to the external flash/SRAM and LCD. Each SPI can be served by DMA con-
trollers.
4.1.18 Accelerator
ESP32 is equipped with hardware accelerators of general algorithms, such as AES (FIPS PUB 197), SHA (FIPS
PUB 180-4), RSA, and ECC, which support independent arithmetic, such as Big Integer Multiplication and Big
Integer Modular Multiplication. The maximum operation length for RSA, ECC, Big Integer Multiply and Big Integer
Modular Multiplication is 4,096 bits.
The hardware accelerators greatly improve operation speed and reduce software complexity. They also support
code encryption and dynamic decryption, which ensures that code in the flash will not be hacked.
Espressif Systems
27
ESP32 Datasheet V3.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com