전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ESP32-D0WD 데이터시트(PDF) 55 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

부품명 ESP32-D0WD
상세설명  32-bit MCU & 2.4 GHz Wi-Fi & BT/BLE SoCs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
홈페이지  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32-D0WD 데이터시트(HTML) 55 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32-D0WD Datasheet HTML 51Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 52Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 53Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 54Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 55Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 56Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 57Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 58Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 59Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 60 page
background image
Appendix A
Same input
Signal
Default value
signal from
Output enable
No.
Input signals
if unassigned
IO_MUX
core
Output signals
of output signals
178
I2S1I_DATA_in12
0
no
I2S1O_DATA_out12
1’d1
179
I2S1I_DATA_in13
0
no
I2S1O_DATA_out13
1’d1
180
I2S1I_DATA_in14
0
no
I2S1O_DATA_out14
1’d1
181
I2S1I_DATA_in15
0
no
I2S1O_DATA_out15
1’d1
182
-
-
-
I2S1O_DATA_out16
1’d1
183
-
-
-
I2S1O_DATA_out17
1’d1
184
-
-
-
I2S1O_DATA_out18
1’d1
185
-
-
-
I2S1O_DATA_out19
1’d1
186
-
-
-
I2S1O_DATA_out20
1’d1
187
-
-
-
I2S1O_DATA_out21
1’d1
188
-
-
-
I2S1O_DATA_out22
1’d1
189
-
-
-
I2S1O_DATA_out23
1’d1
190
I2S0I_H_SYNC
0
no
pwm3_out1h
1’d1
191
I2S0I_V_SYNC
0
no
pwm3_out1l
1’d1
192
I2S0I_H_ENABLE
0
no
pwm3_out2h
1’d1
193
I2S1I_H_SYNC
0
no
pwm3_out2l
1’d1
194
I2S1I_V_SYNC
0
no
pwm3_out3h
1’d1
195
I2S1I_H_ENABLE
0
no
pwm3_out3l
1’d1
196
-
-
-
pwm3_out4h
1’d1
197
-
-
-
pwm3_out4l
1’d1
198
U2RXD_in
0
yes
U2TXD_out
1’d1
199
U2CTS_in
0
yes
U2RTS_out
1’d1
200
emac_mdc_i
0
no
emac_mdc_o
emac_mdc_oe
201
emac_mdi_i
0
no
emac_mdo_o
emac_mdo_o_e
202
emac_crs_i
0
no
emac_crs_o
emac_crs_oe
203
emac_col_i
0
no
emac_col_o
emac_col_oe
204
pcmfsync_in
0
no
bt_audio0_irq
1’d1
205
pcmclk_in
0
no
bt_audio1_irq
1’d1
206
pcmdin
0
no
bt_audio2_irq
1’d1
207
-
-
-
ble_audio0_irq
1’d1
208
-
-
-
ble_audio1_irq
1’d1
209
-
-
-
ble_audio2_irq
1’d1
210
-
-
-
pcmfsync_out
pcmfsync_en
211
-
-
-
pcmclk_out
pcmclk_en
212
-
-
-
pcmdout
pcmdout_en
213
-
-
-
ble_audio_sync0_p
1’d1
214
-
-
-
ble_audio_sync1_p
1’d1
215
-
-
-
ble_audio_sync2_p
1’d1
224
-
-
-
sig_in_func224
1’d1
225
-
-
-
sig_in_func225
1’d1
226
-
-
-
sig_in_func226
1’d1
Espressif Systems
48
ESP32 Datasheet V3.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com