| 전자부품 데이터시트 검색엔진 |
|
GD25B64CSIG 데이터시트(PDF) 53 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
|
|||||||||||||||||||||||||||||
GD25B64CSIG 데이터시트(HTML) 53 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
53 / 57 page ![]() 3.3V Uniform Sector Dual and Quad Serial Flash GD25B64C 53 10.2. Package DIP8 300MIL E E1 A A2 A1 b1 e θ D L b eA 1 4 8 5 c Dimensions Symbol A A1 A2 b b1 C D E E1 e L eA θ Unit mm Min - 0.38 3.00 1.14 0.36 0.20 9.02 7.62 6.10 2.54 2.92 8.45 0° Nom - - 3.30 1.52 0.46 0.25 9.27 7.87 6.35 3.30 8.90 - Max 3.88 - 3.50 1.78 0.56 0.35 9.59 8.26 6.60 3.81 9.35 11° Note: Both the package length and width do not include the mold flash. |