전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

P44F11M 데이터시트(PDF) 3 Page - PANDUIT CORP.

부품명 P44F11M
상세설명  SmartZone??G5 Intelligent Power Distribution Units (iPDUs)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANDUIT [PANDUIT CORP.]
홈페이지  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

P44F11M 데이터시트(HTML) 3 Page - PANDUIT CORP.

  P44F11M Datasheet HTML 1Page - PANDUIT CORP. P44F11M Datasheet HTML 2Page - PANDUIT CORP. P44F11M Datasheet HTML 3Page - PANDUIT CORP. P44F11M Datasheet HTML 4Page - PANDUIT CORP. P44F11M Datasheet HTML 5Page - PANDUIT CORP. P44F11M Datasheet HTML 6Page - PANDUIT CORP. P44F11M Datasheet HTML 7Page - PANDUIT CORP. P44F11M Datasheet HTML 8Page - PANDUIT CORP. P44F11M Datasheet HTML 9Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SmartZone™ G5 Intelligent Power Distribution Units (iPDUs)
cabinet compatibility
Panduit iPDUs can be easily installed into Panduit (or third party cabinets) by utilizing the installed mounting buttons
(18.4 mm diameter). Where necessary, a Small Diameter (14.5 mm) mounting button is available (sold separately,
p/n: MA018). Panduit PDUs feature threaded inserts on the back and both sides for the ultimate in mounting flexibility.
They safely and efficiently manage and distribute power to multiple devices through a single input power connector,
per PDU, to enhance scalability of network build outs.
general specifications
Temperature: Operating
50° to 140° F (10° to 60° C)
Temperature: Storage
-4° to 140° F (-20° to 60° C)
Relative Humidity: Operating
10% to 90% non-condensing
Relative Humidity: Non-Operating
5 to 95% RH
Relative Humidity: Storage
5% to 95%
Elevation: Operating
0 to 10,000 ft. (0 to 3000 m)
Elevation: Storage
0 to 30,000 ft. (0 to 9144 m)
Conformance Standards
North America - UL, CB Test Approved
International - CE Approved, EAC Russia Approval
Environmental Compliances
RoHS & REACH



Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com