전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

P44F11M 데이터시트(PDF) 8 Page - PANDUIT CORP.

부품명 P44F11M
상세설명  SmartZone??G5 Intelligent Power Distribution Units (iPDUs)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANDUIT [PANDUIT CORP.]
홈페이지  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

P44F11M 데이터시트(HTML) 8 Page - PANDUIT CORP.

  P44F11M Datasheet HTML 1Page - PANDUIT CORP. P44F11M Datasheet HTML 2Page - PANDUIT CORP. P44F11M Datasheet HTML 3Page - PANDUIT CORP. P44F11M Datasheet HTML 4Page - PANDUIT CORP. P44F11M Datasheet HTML 5Page - PANDUIT CORP. P44F11M Datasheet HTML 6Page - PANDUIT CORP. P44F11M Datasheet HTML 7Page - PANDUIT CORP. P44F11M Datasheet HTML 8Page - PANDUIT CORP. P44F11M Datasheet HTML 9Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
SmartZone™ G5 Intelligent Power Distribution Units (iPDUs)
Monitored Switched Per Outlet - MSPO Series
Region
Input
Current
per phase
Form Factor
Input Plug Type
Circuit
Breakers
Apparent
Power
(kVA)
Outlet
Count
Outlet Configuration
Length
(inches)
Width
(inches)
Depth (inches)
at Outlet
position
Panduit
SKU Part
No.
INTL
16
1U
IEC 60309-316P6
0
3.7
8
(8)C13
1.7
17.5
10.6
P08G10M
INTL
32
1U
IEC 60309-332P6
2
7.4
8
(8)C13
1.7
17.5
10.6
P08G12M
INTL
16
0U Mid
IEC 60309-316P6
0
3.7
24
(20)C13,
(4)C19
58.7
2.0
2.1
P24G11M
NA
30
0U FULL
L6-30P
2
5.0
24
(20)C13,
(4)C19
68.9
2.0
2.1
P24G01M
NA
30
0U FULL
L6-30P
2
5.0
36
(30)C13,
(6)C19
68.9
2.0
2.1
P36G18M
INTL
32
0U FULL
IEC 60309-332P6
2
7.4
24
(20)C13,
(4)C19
68.9
2.0
2.1
P24G06M
INTL
32
0U FULL
IEC 60309-332P6
2
7.4
32
(24)C13,
(8)C19
68.9
2.0
2.1
P32G13M
INTL
32
0U FULL -
wide
IEC 60309-332P6
2
7.4
44
(38)C13,
(6)C19
68.9
3.3
2.1
P44G14M
NA
30
0U FULL
L15-30P
3
8.6
24
(18)C13,
(6)C19
68.9
2.0
2.1
P24G02M
NA
30
0U FULL
L21-30P
3
8.6
24
(18)C13,
(6)C19
68.9
2.0
2.1
P24G03M
NA
30
0U FULL
L15-30P
3
8.6
36
(30)C13,
(6)C19
68.9
2.0
2.1
P36G22M
NA
30
0U FULL
L21-30P
3
8.6
36
(30)C13,
(6)C19
68.9
2.0
2.1
P36G19M
NA
50
0U FULL
CS8365C
6
14.4
24
(12)C13,
(12)C19 68.9
2.0
2.1
P24G04M
NA
50
0U FULL
CS8365C
3
10.0
36
(30)C13,
(6)C19
68.9
2.0
2.1
P36G20M
NA
60
0U FULL
IEC 60309-460P9
6
17.3
24
(12)C13,
(12)C19 68.9
2.0
2.1
P24G05M
NA
60
0U FULL -
2 sided
IEC 60309-460P9
6
17.3
48
(36)C13,
(12)C19 71.7
2.0
4.4
P48G21M
INTL
16
0U FULL
IEC 60309-516P6
0
11.0
24
(18)C13,
(6)C19
68.9
2.0
2.1
P24G07M
INTL
16
0U FULL
IEC 60309-516P6
0
11.0
36
(30)C13,
(6)C19
68.9
2.0
2.1
P36G15M
INTL
32
0U FULL
IEC 60309-532P6
6
22.0
24
(12)C13,
(12)C19 68.9
2.0
2.1
P24G08M
INTL
32
0U FULL -
wide
IEC 60309-532P6
6
22.0
36
(24)C13,
(12)C19 68.9
3.3
2.1
P36G16M
INTL
32
0U FULL -
2 sided
IEC 60309-532P6
6
22.0
48
(36)C13,
(12)C19 71.7
2.0
4.4
P48G09M
NA
30
0U FULL IEC 60309 3P+N+E 6h 30A
(IP67)
6
17.3
24
(12)C13,
(12)C19 68.9
2.0
2.1
P24G09M
NA
30
0U FULL IEC 60309 3P+N+E 6h 30A
(IP67)
6
17.3
24
(18)C13,
(6)C19
68.9
2.0
2.1
P24G13M
NA
30
0U FULL IEC 60309 3P+N+E 6h 30A
(IP67)
6
17.3
24
(24)C13
68.9
2.0
2.1
P24G14M
NA
30
0U FULL IEC 60309 3P+N+E 6h 30A
(IP67)
6
17.3
24
(12)C13,
(12)C19 68.9
2.0
2.1
P24G15M
NA
30
0U FULL IEC 60309 3P+N+E 6h 30A
(IP67)
6
17.3
24
(18)C13,
(6)C19
68.9
2.0
2.1
P24G16M
NA
30
0U FULL IEC 60309 3P+N+E 6h 30A
(IP67)
6
17.3
24
(24)C13
68.9
2.0
2.1
P24G17M
NA
30
0U FULL
NEMA L22-30P
6
17.3
24
(12)C13,
(12)C19 68.9
2.0
2.1
P24G10M
NA
30
0U FULL
NEMA L22-30P
6
17.3
24
(18)C13,
(6)C19
68.9
2.0
2.1
P24G18M
NA
30
0U FULL
NEMA L22-30P
6
17.3
24
(24)C13
68.9
2.0
2.1
P24G19M
NA
30
0U FULL -
Wide
IEC 60309 3P+N+E 6h 30A
(IP67)
6
17.3
36
(24)C13,
(12)C19 68.9
3.3
2.1
P36G01M
NA
30
0U FULL -
Wide
IEC 60309 3P+N+E 6h 30A
(IP67)
6
17.3
36
(30)C13,
(6)C19
68.9
3.3
2.1
P36G03M
NA
30
0U FULL -
Wide
IEC 60309 3P+N+E 6h 30A
(IP44)
6
17.3
36
(24)C13,
(12)C19 68.9
3.3
2.1
P36G04M
NA
30
0U FULL -
Wide
IEC 60309 3P+N+E 6h 30A
(IP44)
6
17.3
36
(30)C13,
(6)C19
68.9
3.3
2.1
P36G05M
NA
30
0U FULL -
Wide
NEMA L22-30P
6
17.3
36
(24)C13,
(12)C19 68.9
3.3
2.1
P36G02M
NA
30
0U FULL -
Wide
NEMA L22-30P
6
17.3
36
(30)C13,
(6)C19
68.9
3.3
2.1
P36G06M
NA
30
0U FULL -
2 sided
IEC 60309 3P+N+E 6h 30A
(IP67)
6
17.3
48
(36)C13,
(12)C19 71.7
2.0
4.4
P48G01M
NA
30
0U FULL -
2 sided
IEC 60309 3P+N+E 6h 30A
(IP67)
6
17.3
48
(48)C13
71.7
2.0
4.4
P48G07M
NA
30
0U FULL -
2 sided
IEC 60309 3P+N+E 6h 30A
(IP44)
6
17.3
48
(36)C13,
(12)C19 71.7
2.0
4.4
P48G08M
NA
30
0U FULL -
2 sided
IEC 60309 3P+N+E 6h 30A
(IP44)
6
17.3
48
(48)C13
71.7
2.0
4.4
P48G10M
NA
30
0U FULL -
2 sided
NEMA L22-30P
6
17.3
48
(36)C13,
(12)C19 71.7
2.0
4.4
P48G02M
(continued pg. 9)



Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com