전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MP7612AS 데이터시트(PDF) 16 Page - Exar Corporation

부품명 MP7612AS
상세설명  Octal 12-Bit DAC Array D/A Converter with Output Amplifier and Serial Data/Address uP Control Logic
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EXAR [Exar Corporation]
홈페이지  http://www.exar.com
Logo EXAR - Exar Corporation

MP7612AS 데이터시트(HTML) 16 Page - Exar Corporation

Back Button MP7612AS Datasheet HTML 12Page - Exar Corporation MP7612AS Datasheet HTML 13Page - Exar Corporation MP7612AS Datasheet HTML 14Page - Exar Corporation MP7612AS Datasheet HTML 15Page - Exar Corporation MP7612AS Datasheet HTML 16Page - Exar Corporation MP7612AS Datasheet HTML 17Page - Exar Corporation MP7612AS Datasheet HTML 18Page - Exar Corporation MP7612AS Datasheet HTML 19Page - Exar Corporation MP7612AS Datasheet HTML 20Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
MP7612
16
Rev. 3.00
SYMBOL
MIN
MAX
MIN
MAX
A
0.093
0.104
2.35
2.65
A1
0.004
0.012
0.10
0.30
B
0.013
0.020
0.33
0.51
C
0.009
0.013
0.23
0.32
D
0.706
0.718
17.93
18.24
E
0.340
0.350
8.64
8.89
e
0.050 BSC
1.27 BSC
H
0.460
0.485
11.68
12.32
L
0.016
0.050
0.40
1.27
α
0
°
8
°
0
°
8
°
INCHES
MILLIMETERS
28 LEAD SMALL OUTLINE
(350 MIL JEDEC SOIC)
e
D
E
H
B
A
L
C
A1
Seating
Plane
α
28
15
14
Note: The control dimension is the millimeter column
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20