전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM186ED 데이터시트(PDF) 2 Page - Advanced Micro Devices

부품명 AM186ED
상세설명  High Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186ED 데이터시트(HTML) 2 Page - Advanced Micro Devices

  AM186ED Datasheet HTML 1Page - Advanced Micro Devices AM186ED Datasheet HTML 2Page - Advanced Micro Devices AM186ED Datasheet HTML 3Page - Advanced Micro Devices AM186ED Datasheet HTML 4Page - Advanced Micro Devices AM186ED Datasheet HTML 5Page - Advanced Micro Devices AM186ED Datasheet HTML 6Page - Advanced Micro Devices AM186ED Datasheet HTML 7Page - Advanced Micro Devices AM186ED Datasheet HTML 8Page - Advanced Micro Devices AM186ED Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 88 page
background image
2
Am186ED/EDLV Microcontrollers
PREL IMINAR Y
D
RA
F T
Am186ED/EDLV MICROCONTROLLERS BLOCK DIAGRAM
Notes:
*All PIO signals are shared with other physical pins. See the pin descriptions beginning on page 21 and Table 2 on page 29 for
information on shared functions.
** RTS1/RTR1 and CTS1/ENRX1 are multiplexed with PCS3 and PCS2, respectively. See the pin descriptions beginning on
page 21.
S1–S0
Interrupt
Control Unit
Timer Control
Unit
DMA
Unit
Bus
Interface
Unit
Execution
Unit
Chip-Select
Unit
Clock and
Power
Management
Unit
Control
Registers
16-Bit Count
Registers
Max Count A
Registers
16-Bit Count
Registers
20-Bit Destination
Pointers
20-Bit Source
Pointers
Control
Registers
Control
Registers
Control
Registers
01
2
0
1
Max Count B
Registers
Refresh
Control
Unit
Control
Registers
Control
Registers
Control
Registers
CLKOUTB
CLKOUTA
INT6–INT4**
INT3/INTA1/IRQ
INT2/INTA0/PWD**
INT1/SELECT
INT0
TMROUT0 TMROUT1
DRQ0/INT5** DRQ1/INT6**
VCC
GND
TMRIN0
TMRIN1
ARDY
SRDY
DT/R
DEN/DS
HOLD
HLDA
Asynchronous
Serial Port 0
TXD0
RXD0
NMI
A19–A0
AD15–AD0
ALE
BHE/ADEN
WR
WLB
WHB
RD
RES
LCS/ONCE0/RAS0
MCS2/LCAS
PCS6/A2
PCS3–PCS0**
PCS5/A1
UCS/ONCE1
X2
X1
MCS3/RAS1
PIO
Unit
PIO31–
PIO0*
S6/CLKDIV2
UZI
TXD1
RXD1
CTS0/ENRX0
CTS1/ENRX1**
RTS0/RTR0
RTS1/RTR1**
Watchdog
Timer (WDT)
Pulse
Width
Demod-
ulator
(PWD)
PWD**
Asynchronous
Serial Port 1
MCS1/UCAS
S2/BTSEL
DRAM
Control
Unit
MCS0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88