| 전자부품 데이터시트 검색엔진 |
|
AM186ED 데이터시트(PDF) 57 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM186ED 데이터시트(HTML) 57 Page - Advanced Micro Devices |
|
57 / 88 page ![]() Am186ED/EDLV Microcontrollers 57 PRELI M INARY D RA F T COMMERCIAL AND INDUSTRIAL SWITCHING CHARACTERISTICS AND WAVEFORMS In the switching waveforms that follow, several abbreviations are used to indicate the specific periods of a bus cycle. These periods are referred to as time states. A typical bus cycle is composed of four consecutive time states: t1, t2, t3, and t4. Wait states, which represent multiple t3 states, are referred to as tw states. When no bus cycle is pending, an idle (ti) state occurs. I n the swit ching p a r amet er d e scr iptio n s, the multiplexed address is referred to as the AD address bus; the demultiplexed address is referred to as the A address bus. Key to Switching Waveforms Must be Steady May Change from H to L May Change from L to H Does Not Apply Don’t Care, Any Change Permitted Will be Steady Will be Changing from H to L Will be Changing from L to H Changing, State Unknown Center Line is High- Impedance Off State WAVEFORM INPUT OUTPUT Invalid Invalid |