전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HM8563M 데이터시트(PDF) 8 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

부품명 HM8563M
상세설명  OA equipments such as Fax machines
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
홈페이지  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM8563M 데이터시트(HTML) 8 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM8563M Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8563M Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8563M Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8563M Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8563M Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8563M Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8563M Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8563M Datasheet HTML 11Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8563M Datasheet HTML 12Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
• 7 •
Table 9 Value descriptions for bits AF and TF
R/W
Bit: AF
Bit: TF
Value
Description
Value
Description
Read
0
alarm flag inactive
0
timer flag inactive
1
alarm flag active
1
timer flag active
Write
0
alarm flag is cleared
0
timer flag is cleared
1
alarm flag remains unchanged
1
timer flag remains unchanged
2.7.3 Seconds, Minutes and Hours registers
Table 10: Seconds/VL register bits description
02H
Symbol
Description
b7
VL
VL = 0: reliable clock/calendar information is guaranteed;
VL = 1: reliable clock/calendar information is no longer guaranteed.
b6..0
<seconds>
These bits represent the current seconds value coded in BCD format; value
=00to 59.
Example: <seconds> = 101 1001, represents the value 59 s.
Table 11 Minutes register bits description
03H
Symbol
Description
b7
-
not implemented
b6..0
<minutes>
These bits represent the current minutes value coded in BCD
format; value = 00 to 59.
Table 12 Hours register bits description
04H
Symbol
Description
b7..6
-
not implemented
b5..0
<hours>
These bits represent the current hours value coded in BCD format; value = 00
to 23.
2.7.4 Days, Weekdays, Months/Century and Years registers
Table 13 Days register bits description
05H
Symbol
Description
b7..6
-
not implemented
b5..0
<days>
These bits represent the current day value coded in BCD format; value = 01 to
31.
HM8563 compensates for leap years by adding a 29th day to Febr uary if the year
counter contains a value which is exactly divisible by 4, including the year ‘00’.
HM8563



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com