전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HM8563M 데이터시트(PDF) 10 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

부품명 HM8563M
상세설명  OA equipments such as Fax machines
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
홈페이지  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM8563M 데이터시트(HTML) 10 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM8563M Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8563M Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8563M Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8563M Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8563M Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8563M Datasheet HTML 11Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8563M Datasheet HTML 12Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8563M Datasheet HTML 13Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8563M Datasheet HTML 14Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
• 9 •
November
1
0
001
December
1
0
010
Table 18 Years register bits description
08H
Symbol
Description
b7..0
<years>
This register represents the current year value coded in BCD format; value
=00 to 99.
2.7.5 Alarm registers
When one or more of the alarm registers are loaded with a valid minute, hour, day or
weekday and its corresponding
———
AE(Alarm Enable) bit is a logic 0, then that information will be
compared with the current minute, hour, day and weekday. When all enabled comparisons first
match, the bit AF (Alarm Flag) is set.
AF will remain set until cleared by software. Once AF has been cleared it will only be set
again when the time increments to match the alarm condition once more. Alarm registers
whichhavetheir
———
AE bit set at logic 1 will be ignored.
Table 19 Minute alarm register bits description
09H
Symbol
Description
b7
———
AE
———
AE= 0; minute alarm is enabled.
———
AE= 1; minute alarm is disabled.
b6..0
<minute alarm>
These bits represents the minute alarm information coded in BCD
format; value = 00 to 59.
Table 20 Hour alarm register bits description
0AH
Symbol
Description
7
———
AE
———
AE= 0; hour alarm is enabled.
———
AE= 1; hour alarm is disabled.
6to
0
<hour alarm>
These bits represents the hour alarm information coded in BCD
format; value = 00 to 23.
Table 21: Day alarm register bits description
0BH
Symbol
Description
b7
———
AE
———
AE= 0; day alarm is enabled.
———
AE= 1; day alarm is disabled.
b6..0
<day alarm>
These bits represents the day alarm information coded in BCD
format; value = 01 to 31.
Table 22 Weekday alarm register bits description
0CH
Symbol
Description
HM8563



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com