전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM79Q02JC 데이터시트(PDF) 51 Page - List of Unclassifed Manufacturers

부품명 AM79Q02JC
상세설명  Quad Subscriber Line Audio-Processing Circuit (QSLAC) Devices
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC1 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC1 - List of Unclassifed Manufacturers

AM79Q02JC 데이터시트(HTML) 51 Page - List of Unclassifed Manufacturers

Back Button AM79Q02JC Datasheet HTML 47Page - List of Unclassifed Manufacturers AM79Q02JC Datasheet HTML 48Page - List of Unclassifed Manufacturers AM79Q02JC Datasheet HTML 49Page - List of Unclassifed Manufacturers AM79Q02JC Datasheet HTML 50Page - List of Unclassifed Manufacturers AM79Q02JC Datasheet HTML 51Page - List of Unclassifed Manufacturers AM79Q02JC Datasheet HTML 52Page - List of Unclassifed Manufacturers AM79Q02JC Datasheet HTML 53Page - List of Unclassifed Manufacturers AM79Q02JC Datasheet HTML 54Page - List of Unclassifed Manufacturers AM79Q02JC Datasheet HTML 55Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 68 page
background image
SLAC Products
51
41, 42. Write/Read R Filter Coefficients
MPI Command
(8A/8Bh)
R/W = 0: Write
R/W = 1: Read
The Z-transform equation for the IIR filter is defined as:
Sample rate = 8 kHz
The coefficient for the IIR filter is defined as:
The Z-transform equation for the FIR filter is defined as:
Sample rate = 16 kHz
For i = 0 to 5, the coefficients for the R2 filter are defined as:
Power Up and Hardware Reset (RST) Values = 2E01 0111 0190 0190 0190 0190 0190 (Hex)
(HFIR (z) = 1, R6 = 0.9902)
See note under Commands 31 and 32.
D7
D6
D5
D4
D3
D2
D1
D0
Command
1
0
0
0
1
0
1
R/W
I/O Input Data Byte 1
C46
m46
C36
m36
I/O Input Data Byte 2
C26
m26
C16
m16
I/O Input Data Byte 3
C40
m40
C30
m30
I/O Input Data Byte 4
C20
m20
C10
m10
I/O Input Data Byte 5
C41
m41
C31
m31
I/O Input Data Byte 6
C21
m21
C11
m11
I/O Input Data Byte 7
C42
m42
C32
m32
I/O Input Data Byte 8
C22
m22
C12
m12
I/O Input Data Byte 9
C43
m43
C33
m33
I/O Input Data Byte 10
C23
m23
C13
m13
I/O Input Data Byte 11
C44
m44
C34
m34
I/O Input Data Byte 12
C24
m24
C14
m14
I/O Input Data Byte 13
C45
m45
C35
m35
I/O Input Data Byte 14
C25
m25
C15
m15
HR
H
=
IIR
HFIR
•
HIIR
1z
1
–
–
1R6 z
1
–
•
()
–
---------------------------------
=
R6
C16 2
ml6
–
•
1C26 2
m26
–
1C36 2
m36
–
•
1C46 2
m46
–
•
+
()
+
[]
•
+
{}
=
HFIR z
() R0 R1z
1
–
R2z
2
–
R3z
3
–
R4z
4
–
R5z
5
–
+++++
=
Ri
C1i 2
m1i
–
•
1C2i 2
m2i
–
1C3i 2
m3i
–
•
1C4i 2
m4i
–
•
+
()
+
[]
•
+
{}
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com