| 전자부품 데이터시트 검색엔진 |
|
HB28K032MM3 데이터시트(PDF) 32 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HB28K032MM3 데이터시트(HTML) 32 Page - Renesas Technology Corp |
|
32 / 91 page ![]() HB28K032/L064/J128/J256/J512MM3, HB28K032/L064/J128/J256RM3 Rev.0.02, Sep.15.2004, page 32 of 89 Other Command CMD index Type Argument Resp Abbreviation Command description CMD5 Reserved CMD6 Reserved CMD8 Reserved CMD14 Reserved CMD19 Reserved CMD21 … CMD22 Reserved CMD31 Reserved CMD39 Not supported CMD40 Not supported CMD41 Reserved CMD43 … CMD54 Reserved CMD55 ac [31:16] RCA [15:0] stuff bits R1 APP_CMD Indicates to the card that the next command is an application specific command rather than a standard command These Renesas MultiMediaCards do not support this command. CMD56 adtc [31:1] RCA [0] RD/WR* 1 R1b GEN_CMD Used either to transfer a data block to the card or to get a data block from the card for general purpose / application specific commands. The size of the data block shall be set by the SET_BLOCK_LEN command. These Renesas MultiMediaCards do not support this command. CMD57 … CMD63 Reserved Note: 1. ‘1’ the host gets a block of data from the card. ‘0’ the host sends block of data to the card. |