전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LGA775 데이터시트(PDF) 14 Page - Intel Corporation

부품명 LGA775
상세설명  Socket
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTEL [Intel Corporation]
홈페이지  http://www.intel.com
Logo INTEL - Intel Corporation

LGA775 데이터시트(HTML) 14 Page - Intel Corporation

Back Button LGA775 Datasheet HTML 10Page - Intel Corporation LGA775 Datasheet HTML 11Page - Intel Corporation LGA775 Datasheet HTML 12Page - Intel Corporation LGA775 Datasheet HTML 13Page - Intel Corporation LGA775 Datasheet HTML 14Page - Intel Corporation LGA775 Datasheet HTML 15Page - Intel Corporation LGA775 Datasheet HTML 16Page - Intel Corporation LGA775 Datasheet HTML 17Page - Intel Corporation LGA775 Datasheet HTML 18Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
Mechanical Requirements
14
Mechanical Design Guide
3.2.1.6
Solder Balls
A total of 775 solder balls corresponding to the contacts are on the bottom of the socket for
surface mounting with the motherboard.
Two versions of the socket, leaded and lead-free will be available, with the following materials
for the solder balls:
• Eutectic Solder
⎯ Sn63 Pb37 (+/-0.5% Sn).
⎯ Socket marking will be LGA775 for sockets comprised of eutectic solder.
• Lead-free Solder
⎯ Composition must be lead free and have a melting point temperature in the range of 217-
220°C (for example: Sn Ag 3.0 Cu 0.5).
⎯ Socket marking will be LF-LGA775 for sockets comprised of lead-free solder.
The co-planarity (profile) requirement for all solder balls on the underside of the socket is defined
in Appendix A.
The solder ball pattern has a true position requirement with respect to applicable datum’s in order
to mate with the motherboard land pattern. Refer to Appendix A.
3.2.2
Socket Actuation Mechanism
The socket actuation mechanism is made of the load plate and the load lever. These components
are made of stainless steel SUS 301. Both components need to be fully actuated to ensure
electrical contact. When correctly actuated, the top surface of the processor IHS is above the load
plate allowing proper installation of a heatsink. The post-actuated seating plane of the package is
flush with the seating plane of the socket. Movement will be along the Z direction, perpendicular
to the motherboard.
When combined with the socket body and load lever, the load plate distributes the force necessary
to achieve the required resistance values. The load from the load plate is distributed across two
sides of the package onto a step on each side of the IHS. It is then distributed by the package
across all of the contacts.
The stiffener plate provides the interface to the load lever and the load plate and creates the
primary stiffening element to react to the load generated by the load plate.
3.2.3
Pick and Place Cover
The pick and place cover is a dual purpose removable component of the LGA775 socket. The
cover’s primary purpose is to provide a planar surface at least 20-mm in diameter and compatible
with SMT placement systems. As such, the cover retention must be sufficient to support the
socket weight during lifting, translation, and placement. The cover material should be chosen
such that it is able to withstand 260 °C for 40 seconds.
The secondary function of the Pick and Place Cover is to provide a physical barrier against
contamination and un-desirable physical contact of the socket contact array during post-SMT
handling environments in board assembly environments, shipping, and in system assembly



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com