전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LGA775 데이터시트(PDF) 19 Page - Intel Corporation

부품명 LGA775
상세설명  Socket
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTEL [Intel Corporation]
홈페이지  http://www.intel.com
Logo INTEL - Intel Corporation

LGA775 데이터시트(HTML) 19 Page - Intel Corporation

Back Button LGA775 Datasheet HTML 15Page - Intel Corporation LGA775 Datasheet HTML 16Page - Intel Corporation LGA775 Datasheet HTML 17Page - Intel Corporation LGA775 Datasheet HTML 18Page - Intel Corporation LGA775 Datasheet HTML 19Page - Intel Corporation LGA775 Datasheet HTML 20Page - Intel Corporation LGA775 Datasheet HTML 21Page - Intel Corporation LGA775 Datasheet HTML 22Page - Intel Corporation LGA775 Datasheet HTML 23Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
Environmental Requirements
Mechanical Design Guide
19
5
Environmental Requirements
Design, including materials, shall be consistent with the manufacture of units that meet the
following environmental reference points.
The reliability targets in this section are based on the expected field use environment for a
desktop product. The test sequence for new sockets will be developed using the knowledge-based
reliability evaluation methodology, which is acceleration factor dependent. A simplified process
flow of this methodology is provided in Figure 1.
Figure 1. Flowchart of Knowledge-Based Reliability Evaluation Methodology
Establish the
market/expected use
environment for the
technology
Develop Speculative stress
conditions based on
historical data, content
experts, and literature search
Freeze stressing
requirements and perform
additional data turns
Perform stressing to validate
accelerated stressing
assumptions and determine
acceleration factors
A detailed description of this methodology can be found at:
http://developer.intel.com/design/packtech/245162.htm.
The use environment expectations assumed are for desktop processors, based on an expected life
of 7 years, are listed in Table 2. The target failure rates are <1% at 7 years (and <3% at
10 years).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com