전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SH32B104F6R3CT 데이터시트(PDF) 5 Page - WALSIN TECHNOLOGY CORPORATION

부품명 SH32B104F6R3CT
상세설명  Soft Termination Series
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WALSIN [WALSIN TECHNOLOGY CORPORATION]
홈페이지  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

SH32B104F6R3CT 데이터시트(HTML) 5 Page - WALSIN TECHNOLOGY CORPORATION

  SH32B104F6R3CT Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION SH32B104F6R3CT Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION SH32B104F6R3CT Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION SH32B104F6R3CT Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION SH32B104F6R3CT Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION SH32B104F6R3CT Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION SH32B104F6R3CT Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION SH32B104F6R3CT Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION SH32B104F6R3CT Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
Multilayer Ceramic Capacitors
Approval Sheet
Page 5 of 27
ASC_Soft termination_(SH)_020O_DS
Jun. 2019
NP0 Dielectric 0805 Size
DIELECTRIC
NP0
SIZE
0805
RATED VOLTAGE
(VDC)
10
16
25
50
100
200
250
500
630
1000
0.5pF (0R5)
A
A
A
A
A
A
A
A
A
D
0.6pF (0R6)
A
A
A
A
A
A
A
A
A
D
0.7pF (0R7)
A
A
A
A
A
A
A
A
A
D
0.8pF (0R8)
A
A
A
A
A
A
A
A
A
D
0.9pF (0R9)
A
A
A
A
A
A
A
A
A
D
1.0pF (1R0)
A
A
A
A
A
A
A
A
A
D
1.2pF (1R2)
A
A
A
A
A
A
A
A
A
D
1.5pF (1R5)
A
A
A
A
A
A
A
A
A
D
1.8pF (1R8)
A
A
A
A
A
A
A
A
A
D
2.2pF (2R2)
A
A
A
A
A
A
A
A
A
D
2.7pF (2R7)
A
A
A
A
A
A
A
A
A
D
3.3pF (3R3)
A
A
A
A
A
A
A
A
A
D
3.9pF (3R9)
A
A
A
A
A
A
A
A
A
D
4.7pF (4R7)
A
A
A
A
A
A
A
A
A
D
5.6pF (5R6)
A
A
A
A
A
A
A
A
A
D
6.8pF (6R8)
A
A
A
A
A
A
A
A
A
D
8.2pF (8R2)
A
A
A
A
A
A
A
A
A
D
10pF (100)
A
A
A
A
A
A
A
A
A
D
12pF (120)
A
A
A
A
A
A
A
A
A
D
15pF (150)
A
A
A
A
A
A
A
A
A
D
18pF (180)
A
A
A
A
A
A
A
A
A
D
22pF (220)
A
A
A
A
A
A
A
A
A
D
27pF (270)
A
A
A
A
A
A
A
A
A
D
33pF (330)
A
A
A
A
A
A
A
A
A
D
39pF (390)
A
A
A
A
A
A
A
A
A
D
47pF (470)
A
A
A
A
A
A
A
A
A
D
56pF (560)
A
A
A
A
A
A
A
A
A
D
68pF (680)
A
A
A
A
A
A
A
A
A
D
82pF (820)
A
A
A
A
A
A
A
B
B
D
100pF (101)
A
A
A
A
A
A
B
B
B
D
120pF (121)
A
A
A
A
A
A
B
D
D
D
150pF (151)
A
A
A
A
A
B
D
D
D
D
180pF (181)
A
A
A
A
A
B
D
D
D
D
220pF (221)
A
A
A
A
A
D
D
D
D
D
270pF (271)
A
A
A
A
A
D
D
D
D
D
330pF (331)
A
A
A
A
A
D
D
D
D
D
390pF (391)
B
B
B
B
B
D
D
D
D
D
470pF (471)
B
B
B
B
B
D
D
I
I
560pF (561)
B
B
B
B
B
D
D
I
I
680pF (681)
B
B
B
B
B
D
D
I
I
820pF (821)
B
B
B
B
B
D
D
I
I
1,000pF (102)
B
B
B
B
B
D
D
I
I
1,200pF (122)
B
B
B
B
B
D
D
1,500pF (152)
B
B
B
B
B
D
D
1,800pF (182)
B
B
B
B
B
D
D
2,200pF (222)
B
B
B
B
B
D
D
2,700pF (272)
D
D
D
D
D
3,300pF (332)
D
D
D
D
D
3,900pF (392)
D
D
D
D
D
4,700pF (472)
D
D
D
D
D
5,600pF (562)
D
D
D
D
D
6,800pF (682)
D
D
D
D
D
8,200pF (822)
D
D
D
D
0.010
µF (103)
D
D
D
D
1. The letter in cell is expressed the symbol of product thickness.
2. For more information about products with special capacitance or other data, please contact WTC local representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com