전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SH32B104F6R3CT 데이터시트(PDF) 17 Page - WALSIN TECHNOLOGY CORPORATION

부품명 SH32B104F6R3CT
상세설명  Soft Termination Series
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WALSIN [WALSIN TECHNOLOGY CORPORATION]
홈페이지  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

SH32B104F6R3CT 데이터시트(HTML) 17 Page - WALSIN TECHNOLOGY CORPORATION

Back Button SH32B104F6R3CT Datasheet HTML 13Page - WALSIN TECHNOLOGY CORPORATION SH32B104F6R3CT Datasheet HTML 14Page - WALSIN TECHNOLOGY CORPORATION SH32B104F6R3CT Datasheet HTML 15Page - WALSIN TECHNOLOGY CORPORATION SH32B104F6R3CT Datasheet HTML 16Page - WALSIN TECHNOLOGY CORPORATION SH32B104F6R3CT Datasheet HTML 17Page - WALSIN TECHNOLOGY CORPORATION SH32B104F6R3CT Datasheet HTML 18Page - WALSIN TECHNOLOGY CORPORATION SH32B104F6R3CT Datasheet HTML 19Page - WALSIN TECHNOLOGY CORPORATION SH32B104F6R3CT Datasheet HTML 20Page - WALSIN TECHNOLOGY CORPORATION SH32B104F6R3CT Datasheet HTML 21Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
Multilayer Ceramic Capacitors
Approval Sheet
Page 17 of 27
ASC_Soft termination_(SH)_020O_DS
Jun. 2019
7-2. CAPACITANCE RANGE (X5R Dielectric)
Dielectric
X5R
Size
0402
0603
0805
1206
1210
Rated Voltage (VDC) 6.3
10
16
25
6.3 10
16
25
50 6.3 10
16
25
50 6.3 10
16
25
50 6.3 10
16
25
50
0.027
µF (273)
E
0.033
µF (333)
E
0.039
µF (393)
E
0.047
µF (473)
E
0.056
µF (563)
E
E
0.068
µF (683)
E
E
0.082
µF (823) E
E
E
0.10
µF (104) E
E
E
E
0.15
µF (154) E
E
E
E
0.22
µF (224) E
E
E
E
X
X
0.27uF (274)
X
X
X
0.33
µF (334) E
E
X
X
X
X
0.39
µF (394)
X
X
X
0.47
µF (474) E
E
X
X
X
0.68
µF (684) E
E
X
X
X
X
0.82uF (824)
X
X
X
1.0
µF (105)
X
X
X
X
1.5
µF (155)
X
I
I
I
I
J
J
K
K
2.2
µF (225)
X
X
X
I
I
I
I
J
J
P
K
K
3.3
µF (335)
X
I
I
I
I
P
P
P
4.7
µF (475)
X
P
P
P
P
K
K
K
6.8uF (685)
P
P
10
µF (106)
P
P
P
P
K
K
K
22
µF (226)
1. The letter in cell is expressed the symbol of product thickness.
2. For more information about products with special capacitance or other data, please contact WTC local representative.
7-3. CAPACITANCE RANGE (Y5V Dielectric)
DIELECTRIC
Y5V
SIZE
0402
0603
RATED VOLTAGE
6.3
10
16
25
50
10
16
25
50
0.010
µF (103)
E
E
E
E
S
S
S
S
0.015
µF (153)
E
E
E
E
S
S
S
S
0.022
µF (223)
E
E
E
E
S
S
S
S
0.033
µF (333)
E
E
E
E
S
S
S
S
0.047
µF (473)
E
E
E
S
S
S
S
0.068
µF (683)
E
E
E
S
S
S
S
0.10
µF (104)
E
E
E
S
S
S
S
0.15
µF (154)
E
S
S
S
S
0.22
µF (224)
E
E
S
S
S
S
0.33
µF (334)
E
E
S
S
S
0.47
µF (474)
S
S
0.68
µF (684)
S
X
1.0
µF (105)
S
X
2.2
µF (225)
S
4.7
µF (475)
1. The letter in cell is expressed the symbol of product thickness.
2. For more information about products with special capacitance or other data, please contact WTC local representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com