전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S-8211CDD-M5T1U 데이터시트(PDF) 7 Page - ABLIC Inc.

부품명 S-8211CDD-M5T1U
상세설명  BATTERY PROTECTION IC FOR 1-CELL PACK
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ABLIC [ABLIC Inc.]
홈페이지  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-8211CDD-M5T1U 데이터시트(HTML) 7 Page - ABLIC Inc.

Back Button S-8211CDD-M5T1U Datasheet HTML 3Page - ABLIC Inc. S-8211CDD-M5T1U Datasheet HTML 4Page - ABLIC Inc. S-8211CDD-M5T1U Datasheet HTML 5Page - ABLIC Inc. S-8211CDD-M5T1U Datasheet HTML 6Page - ABLIC Inc. S-8211CDD-M5T1U Datasheet HTML 7Page - ABLIC Inc. S-8211CDD-M5T1U Datasheet HTML 8Page - ABLIC Inc. S-8211CDD-M5T1U Datasheet HTML 9Page - ABLIC Inc. S-8211CDD-M5T1U Datasheet HTML 10Page - ABLIC Inc. S-8211CDD-M5T1U Datasheet HTML 11Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.7.7_03
S-8211C Series
7
Table 4
Delay Time
Combination
Overcharge
Detection
Delay Time
[tCU]
Overdischarge
Detection
Delay Time
[tDL]
Discharge Overcurrent
Detection
Delay Time
[tDIOV]
Load Short-circuiting
Detection
Delay Time
[tSHORT]
Charge Overcurrent
Detection
Delay Time
[tCIOV]
(1)
1.2 s
150 ms
9 ms
300
s
9 ms
(2)
1.2 s
150 ms
9 ms
560
s
9 ms
(3)
143 ms
38 ms
18 ms
300
s
9 ms
(4)
1.2 s
150 ms
18 ms
300
s
9 ms
(5)
1.2 s
38 ms
9 ms
300
s
9 ms
(6)
1.2 s
150 ms
4.5 ms
300
s
9 ms
(7)
573 ms
150 ms
4.5 ms
300
s
4.5 ms
(8)
1.2 s
75 ms
9 ms
300
s
9 ms
(9)
1.2 s
300 ms
9 ms
300
s
9 ms
Remark The delay times can be changed within the range listed in Table 5. For details, please contact our sales office.
Table 5
Delay Time
Symbol
Selection Range
Remark
Overcharge detection delay time
tCU
143 ms
573 ms
1.2 s
P
*1
Select a value from the left.
Overdischarge detection delay time
tDL
38 ms
75 ms
150 ms
P
*1
300 ms
Select a value from the left.
Discharge overcurrent detection delay time
tDIOV
4.5 ms
9 ms
P
*1
18 ms
Select a value from the left.
Load short-circuiting detection delay time
tSHORT
300
s
P
*1
560
s
Select a value from the left.
Charge overcurrent detection delay time
tCIOV
4.5 ms
9 ms
P
*1
18 ms
Select a value from the left.
*1. The value is the delay time of the standard products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com