| 전자부품 데이터시트 검색엔진 |
|
S-8211CDD-M5T1U 데이터시트(PDF) 4 Page - ABLIC Inc. |
|
|
|||||||||||||||||||||||||||||
S-8211CDD-M5T1U 데이터시트(HTML) 4 Page - ABLIC Inc. |
|
4 / 43 page ![]() BATTERY PROTECTION IC FOR 1-CELL PACK S-8211C Series Rev.7.7_03 4 3. Product name list 3. 1 SOT-23-5 Table 2 Product Name Over- charge Detection Voltage [VCU] Over- charge Release Voltage [VCL] Over- discharge Detection Voltage [VDL] Over- discharge Release Voltage [VDU] Discharge Overcurrent Detection Voltage [VDIOV] 0 V Battery Charge Function Delay Time Combination P *1 Power-down Function S-8211CAA-M5T1x 4.275 V 4.175 V 2.30 V 2.40 V 0.10 V Available (1) Available S-8211CAB-M5T1x 4.325 V 4.075 V 2.50 V 2.90 V 0.15 V Unavailable (2) Available S-8211CAD-M5T1x 4.350 V 4.150 V 2.30 V 3.00 V 0.20 V Available (3) Available S-8211CAE-M5T1x 4.280 V 4.180 V 2.30 V 2.30 V 0.12 V Available (4) Available S-8211CAF-M5T1x 4.275 V 4.275 V 2.30 V 2.30 V 0.10 V Available (5) Available S-8211CAH-M5T1x 4.280 V 4.080 V 2.30 V 2.30 V 0.08 V Available (1) Available S-8211CAI-M5T1x 4.280 V 4.080 V 2.30 V 2.30 V 0.10 V Available (1) Available S-8211CAJ-M5T1x 4.280 V 4.080 V 2.30 V 2.30 V 0.10 V Unavailable (1) Available S-8211CAK-M5T1x 4.280 V 4.080 V 2.30 V 2.30 V 0.13 V Unavailable (1) Available S-8211CAL-M5T1x 4.280 V 4.130 V 2.60 V 3.10 V 0.15 V Unavailable (1) Available S-8211CAM-M5T1x 4.280 V 4.130 V 2.80 V 3.10 V 0.15 V Unavailable (1) Available S-8211CAN-M5T1x 4.200 V 4.100 V 2.80 V 2.90 V 0.15 V Unavailable (1) Available S-8211CAO-M5T1x 4.275 V 4.075 V 2.30 V 2.30 V 0.12 V Available (5) Available S-8211CAP-M5T1x 4.275 V 4.075 V 2.30 V 2.30 V 0.13 V Available (5) Available S-8211CAQ-M5T1x 4.275 V 4.075 V 2.30 V 2.30 V 0.15 V Available (5) Available S-8211CAR-M5T1x 4.275 V 4.075 V 2.30 V 2.30 V 0.15 V Available (1) Available S-8211CAS-M5T1x 4.280 V 4.130 V 2.80 V 3.10 V 0.10 V Unavailable (1) Available S-8211CAT-M5T1x 4.275 V 4.075 V 2.80 V 3.10 V 0.10 V Available (4) Available S-8211CAU-M5T1x 4.280 V 4.130 V 2.80 V 3.10 V 0.05 V Unavailable (1) Available S-8211CAV-M5T1x 4.325 V 4.075 V 2.50 V 2.90 V 0.15 V Available (2) Available S-8211CAY-M5T1x 4.280 V 4.280 V 2.80 V 2.80 V 0.05 V Available (1) Available S-8211CAZ-M5T1x 4.280 V 4.280 V 3.00 V 3.00 V 0.075 V Available (1) Available S-8211CBV-M5T1x 4.280 V 4.080 V 2.80 V 2.80 V 0.15 V Available (4) Available S-8211CCD-M5T1U 4.280 V 4.130 V 2.70 V 3.10 V 0.20 V Available (1) Available S-8211CCJ-M5T1U *2 4.225 V 4.025 V 2.50 V 2.90 V 0.15 V Available (8) Unavailable S-8211CCK-M5T1U 4.350 V 4.150 V 2.10 V 2.20 V 0.30 V Unavailable (1) Available S-8211CCQ-M5T1U 4.350 V 4.150 V 2.10 V 2.20 V 0.12 V Unavailable (1) Available S-8211CCR-M5T1U 4.350 V 4.150 V 2.10 V 2.20 V 0.15 V Unavailable (1) Available S-8211CCT-M5T1U 4.150 V 4.050 V 2.50 V 2.80 V 0.16 V Available (1) Available S-8211CCV-M5T1U 4.220 V 4.120 V 2.50 V 2.80 V 0.16 V Available (1) Unavailable S-8211CCW-M5T1U 4.280 V 4.130 V 2.30 V 3.00 V 0.20 V Available (3) Available S-8211CDB-M5T1U 4.100 V 3.850 V 2.50 V 2.90 V 0.15 V Unavailable (1) Available S-8211CDD-M5T1U 4.350 V 4.150 V 2.10 V 2.20 V 0.12 V Unavailable (6) Available S-8211CDG-M5T1U 4.275 V 4.075 V 2.50 V 3.00 V 0.16 V Available (1) Available S-8211CDJ-M5T1U 4.150 V 4.050 V 2.90 V 3.00 V 0.15 V Unavailable (1) Available S-8211CDN-M5T1U 4.350 V 4.150 V 2.80 V 3.10 V 0.05 V Available (1) Available *1. Refer to Table 4 about the details of the delay time combinations. *2. The charge overcurrent detection voltage: 0.15 V 0.03 V (Ta = 25°C) Remark 1. Please contact our sales office for the products with detection voltage value other than those specified above. 2. x: G or U 3. Please select products of environmental code = U for Sn 100%, halogen-free products. |