전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S-8211CDJ-M5T1U 데이터시트(PDF) 6 Page - ABLIC Inc.

부품명 S-8211CDJ-M5T1U
상세설명  BATTERY PROTECTION IC FOR 1-CELL PACK
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ABLIC [ABLIC Inc.]
홈페이지  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-8211CDJ-M5T1U 데이터시트(HTML) 6 Page - ABLIC Inc.

Back Button S-8211CDJ-M5T1U Datasheet HTML 2Page - ABLIC Inc. S-8211CDJ-M5T1U Datasheet HTML 3Page - ABLIC Inc. S-8211CDJ-M5T1U Datasheet HTML 4Page - ABLIC Inc. S-8211CDJ-M5T1U Datasheet HTML 5Page - ABLIC Inc. S-8211CDJ-M5T1U Datasheet HTML 6Page - ABLIC Inc. S-8211CDJ-M5T1U Datasheet HTML 7Page - ABLIC Inc. S-8211CDJ-M5T1U Datasheet HTML 8Page - ABLIC Inc. S-8211CDJ-M5T1U Datasheet HTML 9Page - ABLIC Inc. S-8211CDJ-M5T1U Datasheet HTML 10Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
BATTERY PROTECTION IC FOR 1-CELL PACK
S-8211C Series
Rev.7.7_03
6
Table 3 (2 / 2)
Product Name
Over-charge
Detection
Voltage
[VCU]
Over-
charge
Release
Voltage
[VCL]
Over-
discharge
Detection
Voltage
[VDL]
Over-
discharge
Release
Voltage
[VDU]
Discharge
Overcurrent
Detection
Voltage
[VDIOV]
0 V Battery
Charge
Function
Delay Time
Combination
P
*1
Power-down
Function
S-8211CCH-I6T1U
*2
4.275 V
4.075 V
2.80 V
2.80 V
0.15 V
Unavailable
(8)
Available
S-8211CCI-I6T1U
4.275 V
4.075 V
2.60 V
2.60 V
0.15 V
Available
(5)
Available
S-8211CCJ-I6T1U
*2
4.225 V
4.025 V
2.50 V
2.90 V
0.15 V
Available
(8)
Unavailable
S-8211CCM-I6T1U
4.275 V
4.075 V
2.80 V
3.10 V
0.20 V
Available
(4)
Available
S-8211CCN-I6T1U
*2
4.280 V
4.180 V
2.50 V
2.70 V
0.17 V
Unavailable
(1)
Available
S-8211CCS-I6T1U
4.425 V
4.225 V
2.30 V
2.30 V
0.165 V
Unavailable
(5)
Available
S-8211CCU-I6T1U
4.425 V
4.225 V
2.50 V
2.50 V
0.13 V
Available
(5)
Available
S-8211CCW-I6T1U
4.280 V
4.130 V
2.30 V
3.00 V
0.20 V
Available
(3)
Available
S-8211CCX-I6T1U
4.425 V
4.225 V
2.30 V
2.30 V
0.07 V
Available
(5)
Available
S-8211CCY-I6T1U
4.280 V
4.180 V
2.80 V
2.80 V
0.12 V
Unavailable
(4)
Available
S-8211CCZ-I6T1U
4.280 V
4.180 V
2.50 V
2.50 V
0.12 V
Unavailable
(4)
Available
S-8211CDA-I6T1U
4.280 V
4.130 V
2.60 V
3.10 V
0.10 V
Unavailable
(1)
Available
S-8211CDC-I6T1U
4.280 V
4.130 V
3.00 V
3.10 V
0.15 V
Unavailable
(1)
Available
S-8211CDE-I6T1U
4.425 V
4.225 V
2.50 V
2.50 V
0.10 V
Available
(5)
Available
S-8211CDF-I6T1U
4.425 V
4.225 V
2.80 V
2.80 V
0.12 V
Available
(5)
Available
S-8211CDH-I6T1U
4.275 V
4.075 V
2.60 V
2.60 V
0.10 V
Available
(5)
Available
S-8211CDI-I6T1U
4.425 V
4.225 V
2.50 V
2.50 V
0.15 V
Available
(5)
Available
S-8211CDK-I6T1U
4.425 V
4.225 V
2.50 V
2.50 V
0.15 V
Unavailable
(5)
Available
S-8211CDL-I6T1U
4.425 V
4.225 V
2.50 V
2.90 V
0.13 V
Available
(5)
Unavailable
S-8211CDM-I6T1U
4.425 V
4.225 V
2.50 V
3.10 V
0.10 V
Unavailable
(1)
Available
S-8211CDO-I6T1U
4.425 V
4.225 V
2.50 V
2.50 V
0.10 V
Unavailable
(1)
Available
S-8211CDP-I6T1U
4.425 V
4.225 V
2.50 V
2.50 V
0.13 V
Available
(9)
Available
*1. Refer to Table 4 about the details of the delay time combinations.
*2. The charge overcurrent detection voltage:
0.15 V  0.03 V (Ta = 25°C)
Remark Please contact our sales office for the products with detection voltage value other than those specified above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com