전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S-8211CDJ-M5T1U 데이터시트(PDF) 19 Page - ABLIC Inc.

부품명 S-8211CDJ-M5T1U
상세설명  BATTERY PROTECTION IC FOR 1-CELL PACK
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ABLIC [ABLIC Inc.]
홈페이지  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-8211CDJ-M5T1U 데이터시트(HTML) 19 Page - ABLIC Inc.

Back Button S-8211CDJ-M5T1U Datasheet HTML 15Page - ABLIC Inc. S-8211CDJ-M5T1U Datasheet HTML 16Page - ABLIC Inc. S-8211CDJ-M5T1U Datasheet HTML 17Page - ABLIC Inc. S-8211CDJ-M5T1U Datasheet HTML 18Page - ABLIC Inc. S-8211CDJ-M5T1U Datasheet HTML 19Page - ABLIC Inc. S-8211CDJ-M5T1U Datasheet HTML 20Page - ABLIC Inc. S-8211CDJ-M5T1U Datasheet HTML 21Page - ABLIC Inc. S-8211CDJ-M5T1U Datasheet HTML 22Page - ABLIC Inc. S-8211CDJ-M5T1U Datasheet HTML 23Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 43 page
background image
BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.7.7_03
S-8211C Series
19
16. Discharge overcurrent detection delay time
(Test condition 10, test circuit 5)
Discharge overcurrent detection delay time (tDIOV) is the time needed for VDO to go to "L" after the voltage V2
momentarily increases (within 10
s) from 0 V to 0.35 V under the set conditions of V1 = 3.5 V, V2 = 0 V.
17. Load short-circuiting detection delay time
(Test condition 10, test circuit 5)
Load short-circuiting detection delay time (tSHORT) is the time needed for VDO to go to "L" after the voltage V2
momentarily increases (within 10
s) from 0 V to 1.6 V under the set conditions of V1 = 3.5 V, V2 = 0 V.
18. Charge overcurrent detection delay time
(Test condition 10, test circuit 5)
Charge overcurrent detection delay time (tCIOV) is the time needed for VCO to go to "L" after the voltage V2
momentarily decreases (within 10
s) from 0 V to  0.3 V under the set conditions of V1 = 3.5 V, V2 = 0 V.
19. 0 V battery charge starting charger voltage (0 V battery charge function "available")
(Test condition 11, test circuit 2)
The 0 V battery charge starting charger voltage (V0CHA) is defined as the voltage between the VDD pin and VM pin at
which VCO goes to "H" (VVM  0.1 V or higher) when the voltage V2 is gradually decreased from the starting condition
of V1 = V2 = 0 V.
20. 0 V battery charge inhibition battery voltage (0 V battery charge function "unavailable")
(Test condition 12, test circuit 2)
The 0 V battery charge inhibition battery voltage (V0INH) is defined as the voltage between the VDD pin and VSS pin
at which VCO goes to "H" (VVM  0.1 V or higher) when the voltage V1 is gradually increased from the starting
conditions of V1 = 0 V, V2 =
4 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com