전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCPL-0370 데이터시트(PDF) 1 Page - Agilent(Hewlett-Packard)

부품명 HCPL-0370
상세설명  AC/DC to Logic Interface Optocouplers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HP [Agilent(Hewlett-Packard)]
홈페이지  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-0370 데이터시트(HTML) 1 Page - Agilent(Hewlett-Packard)

  HCPL-0370 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-0370 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-0370 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-0370 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-0370 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-0370 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-0370 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-0370 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-0370 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
AC/DC to Logic Interface
Optocouplers
Technical Data
HCPL-0370
HCPL-3700
HCPL-3760
Description
The HCPL-0370/3700 and
HCPL-3760 are voltage/current
threshold detection optocouplers.
The HCPL-3760 is a low-current
version of the HCPL-0370/3700.
To obtain lower current
operation, the HCPL-3760 uses a
high-efficiency AlGaAs LED
which provides higher light
output at lower drive currents.
The devices utilize threshold
sensing input buffer ICs which
permit control of threshold levels
over a wide range of input
voltages with a single external
resistor.
Features
• Standard (HCPL-0370/3700)
and Low Input Current
(HCPL-3760) Versions
• AC or DC Input
• Programmable Sense Voltage
• Hysteresis
• Logic Compatible Output
• Thresholds Guaranteed over
Temperature
• Thresholds Independent of
LED Optical Parameters
• Recognized under UL 1577
and CSA Approved for
Dielectric Withstand Proof
Test Voltage of 3750 Vac, 1
Minute
Applications
• Limit Switch Sensing
• Low Voltage Detector
• 5 V-240 V AC/DC Voltage
Sensing
• Relay Contact Monitor
• Relay Coil Voltage Monitor
• Current Sensing
• Microprocessor Interfacing
CAUTION: It is advised that normal static precautions be taken in handling and assembly of this component to
prevent damage and/or degradation which may be induced by ESD.
The input buffer incorporates
several features: hysteresis for
extra noise immunity and
switching immunity, a diode
bridge for easy use with ac input
signals, and internal clamping
Functional Diagram
1
2
3
4
8
7
6
5
AC
DC+
DC-
AC
VCC
VO
GND
TRUTH TABLE
(POSITIVE LOGIC)
INPUT
H
L
OUTPUT
L
H
NC
HCPL-0370/3700/3760


유사한 부품 번호 - HCPL-0370

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0370 AVAGO-HCPL-0370 Datasheet
477Kb / 14P
Isolated Voltage/Current Detectors
HCPL-0370 AVAGO-HCPL-0370 Datasheet
477Kb / 14P
Isolated Voltage/Current Detectors
HCPL-0370 AVAGO-HCPL-0370 Datasheet
477Kb / 14P
Isolated Voltage/Current Detectors
HCPL-0370-500E AVAGO-HCPL-0370-500E Datasheet
520Kb / 14P
Isolated Voltage/Current Detectors
More results

유사한 설명 - HCPL-0370

제조업체부품명데이터시트상세설명
logo
QT Optoelectronics
74OL6000 QT-74OL6000 Datasheet
793Kb / 9P
HIGH-SPEED LOGIC-TO-LOGIC OPTOCOUPLERS
logo
Agilent(Hewlett-Packard...
HCPL-3700 HP-HCPL-3700 Datasheet
230Kb / 13P
AC/DC to Logic Interface Optocouplers
logo
Fairchild Semiconductor
HCPL-3700 FAIRCHILD-HCPL-3700 Datasheet
137Kb / 11P
AC/DC TO LOGIC INTERFACE OPTOCOUPLER
HCPL3700 FAIRCHILD-HCPL3700 Datasheet
525Kb / 10P
AC/DC TO LOGIC INTERFACE OPTOCOUPLER
logo
Agilent(Hewlett-Packard...
HCPL-576X HP-HCPL-576X Datasheet
164Kb / 11P
AC/DC to Logic Interface Hermetically Sealed Optocouplers
logo
Fairchild Semiconductor
HCPL3700S FAIRCHILD-HCPL3700S Datasheet
142Kb / 9P
AC/DC TO LOGIC INTERFACE OPTOCOUPLER
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-5761 AVAGO-HCPL-5761 Datasheet
717Kb / 10P
AC/DC to Logic Interface Hermetically Sealed Optocouplers
logo
Fairchild Semiconductor
HCPL3700V FAIRCHILD-HCPL3700V Datasheet
271Kb / 11P
AC/DC to Logic Interface Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-5760 AVAGO-HCPL-5760 Datasheet
717Kb / 10P
AC/DC to Logic Interface Hermetically Sealed Optocouplers
logo
Broadcom Corporation.
HCPL-576X BOARDCOM-HCPL-576X Datasheet
1Mb / 11P
AC/DC to Logic Interface Hermetically Sealed Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13