전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCPL-0370 데이터시트(PDF) 10 Page - Agilent(Hewlett-Packard)

부품명 HCPL-0370
상세설명  AC/DC to Logic Interface Optocouplers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HP [Agilent(Hewlett-Packard)]
홈페이지  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-0370 데이터시트(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button HCPL-0370 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-0370 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-0370 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-0370 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-0370 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-0370 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-0370 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-0370 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL-0370 Datasheet HTML 13Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
Figure 5. Typical Input Current, I
IN, and Low Level Output Voltage, VOL, vs. Temperature.
Figure 6. Typical Logic Low Supply Current vs. Supply Voltage.
Figure 4. Typical High Level Supply
Current, I
CCH vs. Temperature.
TA – TEMPERATURE – °C
1.2
-25
2.1
050
75
0.9
1.7
1.9
-40
85
1.1
1.0
25
HCPL-3760
1.3
1.4
1.5
1.6
1.8
2.0
60
240
0
160
200
40
20
80
100
120
140
180
220
VIN = 5.0 V
(PINS 2, 3)
VCC = 5.0 V
IIN
VCC = 5.0 V
IOL = 4.2 mA
VOL
VCC – SUPPLY VOLTAGE – V
1.50
6.0
3.00
8.0
12.0 14.0
0
2.00
2.50
4.0
20.0
18.0
1.00
0.50
10.0
16.0
HCPL-3760
TA – TEMPERATURE – °C
-25
100
050
75
10-5
10-1
-40
85
10-4
25
10-3
10-2
VCC = 18 V
VO = OPEN
IIN = 0 mA
ICCH
ICCH
Figure 3. Typical DC Threshold Levels vs. Temperature.
TA – TEMPERATURE – °C
2.4
-25
4.2
050
75
1.8
3.4
3.8
-40
85
2.2
2.0
25
HCPL-3760
2.6
2.8
3.0
3.2
3.6
4.0
0.7
1.6
0.4
1.2
1.4
0.6
0.5
0.8
0.9
1.0
1.1
1.3
1.5
VTH+
ITH+
VTH-
ITH-
TA – TEMPERATURE – °C
2.4
-20
4.2
040
60
1.8
3.4
3.8
-40
80
2.2
2.0
20
HCPL-0370/3700
2.6
2.8
3.0
3.2
3.6
4.0
1.4
3.2
0.8
2.4
2.8
1.2
1.0
1.6
1.8
2.0
2.2
2.6
3.0
ITH+
VTH-
ITH-
VTH+
TA – TEMPERATURE – °C
2.4
-20
4.2
040
60
1.8
3.4
3.8
-40
80
2.2
2.0
20
HCPL-0370/3700
2.6
2.8
3.0
3.2
3.6
4.0
60
240
0
160
200
40
20
80
100
120
140
180
220
VIN = 5.0 V
(PINS 2, 3)
VCC = 5.0 V
IIN
VCC = 5.0 V
IOL = 4.2 mA
VOL
VCC – SUPPLY VOLTAGE – V
2.50
2.00
6.0
4.00
8.0
12.0 14.0
0
3.00
3.50
4.0
20.0
18.0
1.50
1.00
0.50
10.0
16.0
HCPL-0370/3700



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com