전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NX26F041A-3V-R 데이터시트(PDF) 5 Page - List of Unclassifed Manufacturers

부품명 NX26F041A-3V-R
상세설명  1M-BIT AND 4M-BIT SERIAL FLASH MEMORY WITH 2-PIN NXS INTERFACE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC1 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC1 - List of Unclassifed Manufacturers

NX26F041A-3V-R 데이터시트(HTML) 5 Page - List of Unclassifed Manufacturers

  NX26F041A-3V-R Datasheet HTML 1Page - List of Unclassifed Manufacturers NX26F041A-3V-R Datasheet HTML 2Page - List of Unclassifed Manufacturers NX26F041A-3V-R Datasheet HTML 3Page - List of Unclassifed Manufacturers NX26F041A-3V-R Datasheet HTML 4Page - List of Unclassifed Manufacturers NX26F041A-3V-R Datasheet HTML 5Page - List of Unclassifed Manufacturers NX26F041A-3V-R Datasheet HTML 6Page - List of Unclassifed Manufacturers NX26F041A-3V-R Datasheet HTML 7Page - List of Unclassifed Manufacturers NX26F041A-3V-R Datasheet HTML 8Page - List of Unclassifed Manufacturers NX26F041A-3V-R Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
NexFlash Technologies, Inc.
5
PRELIMINARY NXSF009A-0599
05/05/99 ©
NX26F011A
NX26F041A
C3-C0 SA11-0 DA3-0 SA15-12 R31-R0 S15-S0 D0 - - - D2112
INITIAL CLOCK
To wake device from standby
(Data is "Don't Care")
COMMAND TYPE
1H = Read
MAIN SECTOR ADDRESS
000H-1FF for NX26F011A
000H-7FF for NX26F041A
DEVICE ADDRESS
A0-A3 pins = 0H-FH
AUXILARY SECTOR ADDRESS
0H = To address main sector address 0-FFF
5H = Device information sector
RESERVED
Use 00 00 00 00H
INPUT STATUS BYTES
9999H = Ready, 6666H = Busy
Note: Delay is required during
status byte read, see
tRP in
AC Characteristics
INPUT SECTOR DATA BITS
0-2112 (264 Bytes)
Command
Address
Reserved
Status
Data
Figure 5. Sector Read Instruction - Sequence and Bit Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14