전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FC9922 데이터시트(PDF) 5 Page - First Silicon Co., Ltd

부품명 FC9922
상세설명  3-Pin Switch-Mode LED Lamp Driver IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FS [First Silicon Co., Ltd]
홈페이지  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC9922 데이터시트(HTML) 5 Page - First Silicon Co., Ltd

  FC9922 Datasheet HTML 1Page - First Silicon Co., Ltd FC9922 Datasheet HTML 2Page - First Silicon Co., Ltd FC9922 Datasheet HTML 3Page - First Silicon Co., Ltd FC9922 Datasheet HTML 4Page - First Silicon Co., Ltd FC9922 Datasheet HTML 5Page - First Silicon Co., Ltd FC9922 Datasheet HTML 6Page - First Silicon Co., Ltd FC9922 Datasheet HTML 7Page - First Silicon Co., Ltd FC9922 Datasheet HTML 8Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
FC9922
2012. 10. 31
5/8
Revision No : 0
current is limited to about 150mA typically. However, it
may become lower at increased junction temperature. The
duration of the leading edge current spike can be estimated
as:
T
SPIKE = ((VIN • CP) / (ISAT)) +trr
(4)
In order to avoid false triggering of the current sense
comparator, C
P must be minimized in accordance with the
following expression:
C
P < ISAT
(T
BLANK(MIN) - trr )
(5)
V
IN(MAX)
where T
BLANK(MIN) is the minimum blanking time of 200ns, and
V
IN(MAX) is the maximum instantaneous input voltage.
Estimating Power Loss
Discharging the parasitic capacitance C
P into the DRAIN pin of
the FC9921 is responsible for the bulk of the switching power
loss. It can be estimated using the following equation:
P
SWITCH = [(VIN
2
• C
P ) / 2 + VIN • ISAT • trr ] • FS
(6)
where F
S is the switching frequency, ISAT is the saturated
DRAIN current of the FC9921. The switching loss is the
greatest at the maximum input voltage.
The switching frequency is given by the following:
F
S = (VIN - η
-1
• V
O) / VIN • TOFF
(7)
where
η
When the FC9921 LED driver is powered from the full-wave
as:
P
SWITCH
(8)
1
(V
AC • CP + 2 • ISAT • trr )(VAC - η
-1
• V
O )
2 • T
OFF
V
AC is the input AC line voltage.
The switching power loss associated with turn-off transitions
of the DRAIN pin can be disregarded. Due to the large amount
of parasitic capacitance connected to this switching node,
the turn-off transition occurs essentially at zero-voltage.
Conduction power loss in the FC9921 can be calculated as:
P
COND = (D • IO
2
• R
ON) + [IDD • VIN • (1 - D)]
(9)
where D = V
O /ηVIN is the duty ratio, RON is the on-resistance,
I
DD is the internal linear regulator current.
When the LED driver is powered from the full-wave
conduction loss is more cumbersome. However, it can be
estimated using the following equation:
P
COND = (KC • IO
2
• R
ON ) + (KD • IDD • VAC )
(10)
where V
AC
C
and K
d can be determined from the minimum duty ratio of
the FC9921.
Fig. 1.
C and Kd
EMI Filter
As w
to obtaining good EMI. A switching side capacitor, albeit of
small value, is necessary in order to ensure low impedance
to the high frequency switching currents of the converter. As
a rule of thumb, this capacitor should be approximately 0.1-
shown in Figure 2 for the following design example.
Design Example
Let us design an FC9922 LED lamp driver meeting the
Input:
Universal AC, 85-265VAC
Output Current: 20mA
Load:
String of 10 LED (LW541C by OSRAM
V
F = 4.1V max. each)
0
0.1
0.2
0.3
0.4
0 5
0.6
0.7
0.7
0.6
0.5
0.4
0.3
0.2
0.1
Kd(Dm)
Kc(Dm)
Dm



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com