전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FC9922 데이터시트(PDF) 7 Page - First Silicon Co., Ltd

부품명 FC9922
상세설명  3-Pin Switch-Mode LED Lamp Driver IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FS [First Silicon Co., Ltd]
홈페이지  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC9922 데이터시트(HTML) 7 Page - First Silicon Co., Ltd

  FC9922 Datasheet HTML 1Page - First Silicon Co., Ltd FC9922 Datasheet HTML 2Page - First Silicon Co., Ltd FC9922 Datasheet HTML 3Page - First Silicon Co., Ltd FC9922 Datasheet HTML 4Page - First Silicon Co., Ltd FC9922 Datasheet HTML 5Page - First Silicon Co., Ltd FC9922 Datasheet HTML 6Page - First Silicon Co., Ltd FC9922 Datasheet HTML 7Page - First Silicon Co., Ltd FC9922 Datasheet HTML 8Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
FC9922
2012. 10. 31
7/8
Revision No : 0
75
100
125
150
175
200
225
250
275
ZERO VOLTAGE
TRANSITION
Figure 4. Switch-Off Transition. Ch1: V
DRAIN, Ch3: IDRAIN
LEADING EDGE SPIKE
Figure 5. Typical Efficiency
82
80
78
76
74
72
70
68
66
64
62
Input AC Line Voltage (VAC)
Figure 3. Typical Efficiency
25mA
SWITCH OFF
Figure 6. Switch-Off Transition. Ch1: V
DRAIN, Ch3: IDRAIN
Functional Block Diagram
VDD
REF
R
DRAIN
GND
FC9922
Regulator
7.5V
T
BLANK = 300ns
+
-
S
R
Q
Q
T
OFF = 10.5µs



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com