전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSA1103 데이터시트(PDF) 7 Page - Microchip Technology

부품명 DSA1103
상세설명  Low-Jitter Precision LVDS Oscillator for Automotive
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSA1103 데이터시트(HTML) 7 Page - Microchip Technology

Back Button DSA1103 Datasheet HTML 3Page - Microchip Technology DSA1103 Datasheet HTML 4Page - Microchip Technology DSA1103 Datasheet HTML 5Page - Microchip Technology DSA1103 Datasheet HTML 6Page - Microchip Technology DSA1103 Datasheet HTML 7Page - Microchip Technology DSA1103 Datasheet HTML 8Page - Microchip Technology DSA1103 Datasheet HTML 9Page - Microchip Technology DSA1103 Datasheet HTML 10Page - Microchip Technology DSA1103 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
 2019 Microchip Technology Inc.
DS20005891A-page 7
DSA1103/23
4.0
OUTPUT WAVEFORM
VIL
1/
f o
CLK-
Enable
tDA
tEN
tF
tR
VIH
80%
20%
50%
CLK+
830 mv
350 mV
FIGURE 4-1:
DSA1103/23 Output Waveform.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com