전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSD1306 데이터시트(PDF) 46 Page - List of Unclassifed Manufacturers

부품명 SSD1306
상세설명  128 x 64 Dot Matrix OLED/PLED Segment/Common Driver with Controller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

SSD1306 데이터시트(HTML) 46 Page - List of Unclassifed Manufacturers

Back Button SSD1306 Datasheet HTML 42Page - List of Unclassifed Manufacturers SSD1306 Datasheet HTML 43Page - List of Unclassifed Manufacturers SSD1306 Datasheet HTML 44Page - List of Unclassifed Manufacturers SSD1306 Datasheet HTML 45Page - List of Unclassifed Manufacturers SSD1306 Datasheet HTML 46Page - List of Unclassifed Manufacturers SSD1306 Datasheet HTML 47Page - List of Unclassifed Manufacturers SSD1306 Datasheet HTML 48Page - List of Unclassifed Manufacturers SSD1306 Datasheet HTML 49Page - List of Unclassifed Manufacturers SSD1306 Datasheet HTML 50Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 65 page
background image
Solomon Systech
Apr 2008 P 46/59
Rev 1.1
SSD1306
10.2.3 Deactivate Scroll (2Eh)
This command stops the motion of scrolling. After sending 2Eh command to deactivate the scrolling action,
the ram data needs to be rewritten.
10.2.4 Activate Scroll (2Fh)
This command starts the motion of scrolling and should only be issued after the scroll setup parameters have
been defined by the scrolling setup commands :26h/27h/29h/2Ah . The setting in the last scrolling setup
command overwrites the setting in the previous scrolling setup commands.
The following actions are prohibited after the scrolling is activated
1.
RAM access (Data write or read)
2.
Changing the horizontal scroll setup parameters
10.2.5 Set Vertical Scroll Area(A3h)
This command consists of 3 consecutive bytes to set up the vertical scroll area. For the continuous vertical
scroll function (command 29/2Ah), the number of rows that in vertical scrolling can be set smaller or equal to
the MUX ratio.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65