| 전자부품 데이터시트 검색엔진 |
|
H5TC4G43BFR-RDA 데이터시트(PDF) 25 Page - Hynix Semiconductor |
|
|
|||||||||||||||||||||||||||||
H5TC4G43BFR-RDA 데이터시트(HTML) 25 Page - Hynix Semiconductor |
|
25 / 33 page ![]() Rev. 1.0 / Nov. 2013 25 IDD Specifications IDD values are for full operating range of voltage and temperature unless otherwise noted. IDD Specification Notes: 1. Applicable for MR2 settings A6=0 and A7=0. Temperature range for IDD6 is 0 - 85oC. 2. Applicable for MR2 settings A6=0 and A7=1. Temperature range for IDD6ET is 0 - 95oC. Speed Grade Bin DDR3L - 1066 7-7-7 DDR3L - 1333 9-9-9 DDR3L - 1600 11-11-11 DDR3L - 1866 13-13-13 Unit Notes Symbol Max. Max. Max. Max. IDD0 25 26 26 28 mA x4/x8 IDD01 33 34 34 36 mA x4/x8 IDD2P0 8 889 mA x4/x8 IDD2P1 8 889 mA x4/x8 IDD2N 13 13 14 15 mA x4/x8 IDD2NT 16 16 18 19 mA x4/x8 IDD2Q 12 12 13 14 mA x4/x8 IDD3P 11 11 11 12 mA x4/x8 IDD3N 16 17 17 19 mA x4/x8 IDD4R 55 60 65 78 mA x4 58 65 70 82 mA x8 IDD4w 60 65 70 80 mA x4 62 70 75 85 mA x8 IDD5B 125 125 125 125 mA x4/x8 IDD6 10 10 10 10 mA x4/x8, 1 IDD6ET 13 13 13 13 mA x4/x8, 2 IDD7 105 115 120 130 mA x4/x8 |