전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32L4A6XG 데이터시트(PDF) 74 Page - STMicroelectronics

부품명 STM32L4A6XG
상세설명  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, 1MB Flash, 320KB SRAM, USB OTG FS, audio, AESHASH, ext. SMPS
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4A6XG 데이터시트(HTML) 74 Page - STMicroelectronics

Back Button STM32L4A6XG Datasheet HTML 70Page - STMicroelectronics STM32L4A6XG Datasheet HTML 71Page - STMicroelectronics STM32L4A6XG Datasheet HTML 72Page - STMicroelectronics STM32L4A6XG Datasheet HTML 73Page - STMicroelectronics STM32L4A6XG Datasheet HTML 74Page - STMicroelectronics STM32L4A6XG Datasheet HTML 75Page - STMicroelectronics STM32L4A6XG Datasheet HTML 76Page - STMicroelectronics STM32L4A6XG Datasheet HTML 77Page - STMicroelectronics STM32L4A6XG Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 282 page
background image
9
9
F8
F7
16
16
J2
J2
27
27
J3
J3
PC1
I/O
FT_fla
-
TRACED0,
LPTIM1_OUT,
I2C4_SDA, SPI2_MOSI,
I2C3_SDA,
DFSDM1_CKIN4,
LPUART1_TX,
QUADSPI_BK2_IO0,
LCD_SEG19,
SAI1_SD_A, EVENTOUT
ADC123_IN2
10
10
H10
G9
17
17
J3
J3
28
28
J4
J4
PC2
I/O
FT_la
-
LPTIM1_IN2,
SPI2_MISO,
DFSDM1_CKOUT,
QUADSPI_BK2_IO1,
LCD_SEG20,
EVENTOUT
ADC123_IN3
11
11
F7
F6
18
18
K2
K2
29
29
K1
K1
PC3
I/O
FT_la
-
LPTIM1_ETR,
SPI2_MOSI,
QUADSPI_BK2_IO2,
LCD_VLCD, SAI1_SD_A,
LPTIM2_ETR,
EVENTOUT
ADC123_IN4
12
12
H9
H9
19
19
J1
J1
30
30
K2
K2
VSSA/VREF-
S
-
-
-
-
--
G8
-
20
20
-
-
31
31
-
-
VREF-
S
-
-
-
-
--
G7
H10
21
21
L1
L1
32
32
L1
L1
VREF+
S
-
-
-
VREFBUF_OUT
-
-
J10
J10
22
22
M1
M1
33
33
L2
L2
VDDA
S
-
-
-
-
Table 15. STM32L4A6xG pin definitions (continued)
Pin Number
Pin name
(function
after reset)
Pin functions
Alternate functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More