| 전자부품 데이터시트 검색엔진 |
|
STM32L4A6AG 데이터시트(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L4A6AG 데이터시트(HTML) 2 Page - STMicroelectronics |
|
2 / 282 page ![]() STM32L4A6xG 2/282 DS11584 Rev 8 • Rich analog peripherals (independent supply) – 3 × 12-bit ADC 5 Msps, up to 16-bit with hardware oversampling, 200 µA/Msps – 2 x 12-bit DAC output channels, low-power sample and hold – 2 x operational amplifiers with built-in PGA – 2 x ultra-low-power comparators • 20 x communication interfaces – USB OTG 2.0 full-speed, LPM and BCD – 2 x SAIs (serial audio interface) – 4 x I2C FM+(1 Mbit/s), SMBus/PMBus – 5 x U(S)ARTs (ISO 7816, LIN, IrDA, modem) –1 x LPUART – 3 x SPIs (4 x SPIs with the Quad SPI) – 2 x CAN (2.0B Active) and SDMMC – SWPMI single wire protocol master I/F – IRTIM (Infrared interface) • 14-channel DMA controller • True random number generator • CRC calculation unit, 96-bit unique ID • Development support: serial wire debug (SWD), JTAG, Embedded Trace Macrocell™ • Table 1. Device summary Reference Part numbers STM32L4A6xG STM32L4A6AG, STM32L4A6QG, STM32L4A6RG, STM32L4A6VG, STM32L4A6ZG |