전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32L4A6AG 데이터시트(PDF) 4 Page - STMicroelectronics

부품명 STM32L4A6AG
상세설명  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, 1MB Flash, 320KB SRAM, USB OTG FS, audio, AESHASH, ext. SMPS
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4A6AG 데이터시트(HTML) 4 Page - STMicroelectronics

  STM32L4A6AG Datasheet HTML 1Page - STMicroelectronics STM32L4A6AG Datasheet HTML 2Page - STMicroelectronics STM32L4A6AG Datasheet HTML 3Page - STMicroelectronics STM32L4A6AG Datasheet HTML 4Page - STMicroelectronics STM32L4A6AG Datasheet HTML 5Page - STMicroelectronics STM32L4A6AG Datasheet HTML 6Page - STMicroelectronics STM32L4A6AG Datasheet HTML 7Page - STMicroelectronics STM32L4A6AG Datasheet HTML 8Page - STMicroelectronics STM32L4A6AG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 282 page
background image
Contents
STM32L4A6xG
4/282
DS11584 Rev 8
3.17.3
VBAT battery voltage monitoring . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 43
3.18
Digital to analog converter (DAC) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 43
3.19
Voltage reference buffer (VREFBUF) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 44
3.20
Comparators (COMP) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 45
3.21
Operational amplifier (OPAMP) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 45
3.22
Touch sensing controller (TSC) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 45
3.23
Liquid crystal display controller (LCD) . . . . . . . . . . . . . . . . . . . . . . . . . . . 46
3.24
Digital filter for Sigma-Delta Modulators (DFSDM) . . . . . . . . . . . . . . . . . . 46
3.25
Random number generator (RNG) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 48
3.26
Digital camera interface (DCMI) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 48
3.27
Advanced encryption standard hardware accelerator (AES) . . . . . . . . . . 48
3.28
HASH hardware accelerator (HASH) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 49
3.29
Timers and watchdogs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 49
3.29.1
Advanced-control timer (TIM1, TIM8) . . . . . . . . . . . . . . . . . . . . . . . . . . 49
3.29.2
General-purpose timers (TIM2, TIM3, TIM4, TIM5, TIM15, TIM16,
TIM17) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50
3.29.3
Basic timers (TIM6 and TIM7) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50
3.29.4
Low-power timer (LPTIM1 and LPTIM2) . . . . . . . . . . . . . . . . . . . . . . . . 51
3.29.5
Infrared interface (IRTIM) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 51
3.29.6
Independent watchdog (IWDG) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 51
3.29.7
System window watchdog (WWDG) . . . . . . . . . . . . . . . . . . . . . . . . . . . 51
3.29.8
SysTick timer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 52
3.30
Real-time clock (RTC) and backup registers . . . . . . . . . . . . . . . . . . . . . . 52
3.31
Inter-integrated circuit interface (I2C) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 53
3.32
Universal synchronous/asynchronous receiver transmitter (USART) . . . 54
3.33
Low-power universal asynchronous receiver transmitter (LPUART) . . . . 55
3.34
Serial peripheral interface (SPI) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 56
3.35
Serial audio interfaces (SAI) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 56
3.36
Single wire protocol master interface (SWPMI) . . . . . . . . . . . . . . . . . . . . 57
3.37
Controller area network (CAN) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 57
3.38
Secure digital input/output and MultiMediaCards Interface (SDMMC) . . . 58
3.39
Universal serial bus on-the-go full-speed (OTG_FS) . . . . . . . . . . . . . . . . 58
3.40
Clock recovery system (CRS) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 59
3.41
Flexible static memory controller (FSMC) . . . . . . . . . . . . . . . . . . . . . . . . 59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More