| 전자부품 데이터시트 검색엔진 |
|
LS1020A 데이터시트(PDF) 47 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
LS1020A 데이터시트(HTML) 47 Page - Freescale Semiconductor, Inc |
|
47 / 71 page ![]() Tower Elevator Connections TWR-LS1021A Reference Manual, Rev. 0 3-4 Freescale Semiconductor B75 EBI_D5 A75 EBI_AD5 IFC_AD05 B76 EBI_D4 A76 EBI_AD4 IFC_AD04 B77 EBI_D3 A77 EBI_AD3 IFC_AD03 B78 EBI_D2 A78 EBI_AD2 IFC_AD02 B79 EBI_D1 A79 EBI_AD1 IFC_AD01 B80 EBI_D0 A80 EBI_AD0 IFC_AD00 B81 GND Ground A81 GND Ground B82 3.3V 3.3V Power A82 3.3V 3.3V Power Table 3-2. TWR-LS1021A secondary connector pinout Pin# Side B Pin# Side A Name Usage Name Usage D1 5V 5.0V Power C1 5V 5.0V Power D2 GND Ground C2 GND Ground D3 3.3V 3.3V Power C3 3.3V 3.3V Power D4 ELE_PS_SE NSE Elevator Power Sense C4 3.3V 3.3V Power D5 GND Ground C5 GND Ground D6 GND Ground C6 GND Ground D7 SPI2_CLK C7 SCL2 I2C2_SCL D8 SPI2_CS1 C8 SDA2 I2C2_SDA D9 SPI2_CS0 C9 GPIO25 ELEV_GPIO25_C 9 D10 SPI2_MOSI C10 USB_STOP USB2_STP D11 SPI2_MISO C11 USB_CLK USB2_CLK D12 ETH_COL C12 GPIO26 D13 ETH_RXER C13 ETH_MDC D14 ETH_TXCLK C14 ETH_MDIO D15 ETH_TXEN C15 ETH_RXCLK D16 GPIO18 C16 ETH_RXDV D17 GPIO19 C17 GPIO27 D18 GPIO20 C18 GPIO28 D19 ETH_TXD1 C19 ETH_RXD1 Table 3-1. TWR-LS1021A primary connector pinout (continued) Pin# Side B Pin# Side A |