전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FFB4413D 데이터시트(PDF) 4 Page - First Silicon Co., Ltd

부품명 FFB4413D
상세설명  DUAL SMALL SIGNAL SURFACE MOUNT TRANSISTOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FS [First Silicon Co., Ltd]
홈페이지  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FFB4413D 데이터시트(HTML) 4 Page - First Silicon Co., Ltd

  FFB4413D Datasheet HTML 1Page - First Silicon Co., Ltd FFB4413D Datasheet HTML 2Page - First Silicon Co., Ltd FFB4413D Datasheet HTML 3Page - First Silicon Co., Ltd FFB4413D Datasheet HTML 4Page - First Silicon Co., Ltd FFB4413D Datasheet HTML 5Page - First Silicon Co., Ltd FFB4413D Datasheet HTML 6Page - First Silicon Co., Ltd FFB4413D Datasheet HTML 7Page - First Silicon Co., Ltd FFB4413D Datasheet HTML 8Page - First Silicon Co., Ltd FFB4413D Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
2014. 12. 06
4/11
Revision No : 0
FFB4413D
ELECTRICAL CHARACTERISTICS
(T A = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
ON CHARACTERISTICS
h
n
i
a
G
t
n
e
r
r
u
C
C
D
FE
––
(I C = –0.1 mAdc, VCE
–
–
0
3
)
c
d
V
0
.
1
–
=
(I C = –1.0 mAdc, VCE
–
–
0
6
)
c
d
V
0
.
1
–
=
(I C = –10 mAdc, VCE
–
–
0
0
1
)
c
d
V
0
.
1
–
=
(I C = –150 mAdc, VCE
0
0
3
0
0
1
)
3
(
)
c
d
V
0
.
2
–
=
(I C = –500 mAdc, VCE
–
–
0
2
)
3
(
)
c
d
V
0
.
2
–
=
Collector–Emitter Saturation Voltage(3)
VCE(sat)
Vdc
(I C = –150mAdc, IB
4
.
0
–
–
–
)
c
d
A
m
5
1
–
=
(I C = –500 mAdc, IB
5
7
.
0
–
–
–
)
c
d
A
m
0
5
–
=
Base–Emitter Saturation Voltage (3)
VBE(sat)
Vdc
(I C = –150 mAdc, IB
5
9
.
0
–
5
7
.
0
–
)
c
d
A
m
5
1
–
=
(I C = –500 mAdc, IB
3
.
1
–
–
–
)
c
d
A
m
0
5
–
=
SMALL–SIGNAL CHARACTERISTICS
f
t
c
u
d
o
r
P
h
t
d
i
w
d
n
a
B
—
n
i
a
G
–
t
n
e
r
r
u
C
T
MHz
(I C = –20mAdc, VCE
–
–
0
0
2
)
z
H
M
0
0
1
=
f
,
c
d
V
0
1
–
=
C
e
c
n
a
t
i
c
a
p
a
C
e
s
a
B
–
r
o
t
c
e
ll
o
C
cb
pF
(V CB= –10 Vdc, IE
5
.
8
–
–
)
z
H
M
0
.
1
=
f
,
0
=
C
e
c
n
a
t
i
c
a
p
a
C
e
s
a
B
–
r
e
t
t
i
m
E
eb
pF
(V BE = –0.5 Vdc, IC
0
3
–
–
)
z
H
M
0
.
1
=
f
,
0
=
h
e
c
n
a
d
e
p
m
I
t
u
p
n
I
ie
kΩ
(V CE= –10 Vdc, IC
5
1
5
.
1
)
z
H
k
0
.
1
=
f
,
c
d
A
m
0
.
1
–
=
h
o
i
t
a
R
k
c
a
b
d
e
e
F
e
g
a
t
l
o
V
re
X 10
–4
(V CE= –10 Vdc, IC
0
.
8
1
.
0
)
z
H
k
0
.
1
=
f
,
c
d
A
m
0
.
1
–
=
h
n
i
a
G
t
n
e
r
r
u
C
l
a
n
g
i
S
–
ll
a
m
S
fe
—
(V CE= –10 Vdc, IC
0
0
5
0
6
)
z
H
k
0
.
1
=
f
,
c
d
A
m
0
.
1
–
=
h
e
c
n
a
t
t
i
m
d
A
t
u
p
t
u
O
oe
µmhos
(V CE= –10 Vdc, IC
0
0
1
0
.
1
)
z
H
k
0
.
1
=
f
,
c
d
A
m
0
.
1
–
=
SWITCHING CHARACTERISTICS
Delay Time
(V CC = – 30 Vdc, VEB = –2.0 Vdc,
td
—
15
Rise Time
I C = –150mAdc, IB1 = –15 mAdc)
td
—
20
ns
Storage Time
(VCC = –30 Vdc, IC = –150 mAdc,
ts
—
225
ns
Fall Time
I B1 = I B2 = –15 mAdc)
tf
—
30
Figure 3. Turn–On Time
Scope rise time < 4.0ns
*Total shunt capacitance of test jig connectors, and oscilloscope
1.0 k
– 30 V
200
C
S*< 10 pF
1.0 k
– 30 V
200
C
S* < 10 pF
1N916
–16 V
–16 V
< 20 ns
<2.0 ns
+2.0V
+ 14V
Figure 4. Turn–Off Time
1.0 to 100µs,
DUTY CYCLE = 2%
SWITCHING TIME EQUIVALENT TEST CIRCUITS (Q2 PNP)
0
0
1.0 to 100µs,
DUTY CYCLE = 2%
+4.0 V
3. Pulse Test: Pulse Width<300 µs; Duty Cycle<2.0%.
Q2(PNP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com