전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FFB4413D 데이터시트(PDF) 1 Page - First Silicon Co., Ltd

부품명 FFB4413D
상세설명  DUAL SMALL SIGNAL SURFACE MOUNT TRANSISTOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FS [First Silicon Co., Ltd]
홈페이지  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FFB4413D 데이터시트(HTML) 1 Page - First Silicon Co., Ltd

  FFB4413D Datasheet HTML 1Page - First Silicon Co., Ltd FFB4413D Datasheet HTML 2Page - First Silicon Co., Ltd FFB4413D Datasheet HTML 3Page - First Silicon Co., Ltd FFB4413D Datasheet HTML 4Page - First Silicon Co., Ltd FFB4413D Datasheet HTML 5Page - First Silicon Co., Ltd FFB4413D Datasheet HTML 6Page - First Silicon Co., Ltd FFB4413D Datasheet HTML 7Page - First Silicon Co., Ltd FFB4413D Datasheet HTML 8Page - First Silicon Co., Ltd FFB4413D Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SEMICONDUCTOR
TECHNICAL DATA
FFB4413D
2014. 12. 06
1/11
Revision No : 0
THERMAL CHARACTERISTICS
Characteristic
Symbol
Ma x
Unit
Total Device Dissipation FR– 5 Board, (1)
PD
225
mW
TA = 25°C
Derate above 25°C
1.8
mW/°C
Thermal Resistance, Junction to Ambient
RθJA
556
°C/W
Total Device Dissipation
PD
300
mW
Alumina Substrate, (2) T
A
= 25°C
Derate above 25°C
2.4
mW/°C
Thermal Resistance, Junction to Ambient
RθJA
417
°C/W
Junction and Storage Temperature
TJ , Tstg
–55 to +150
°C
1. FR–5 = 1.0 x 0.75 x 0.062 in.
2. Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina.
FEATURE
DEVICE MARKING AND ORDERING INFORMATION
Device
Marking
Shipping
K13
3000/Tape&Reel
1
3
2
SOT-363/SC-88
6
4
5
FFB4413D
DUAL SMALL SIGNAL SURFACE MOUNT TRANSISTOR
MAXIMUM RA TINGS - NPN
MAXIMUM RA TINGS - PNP
Q2
Q1
We declare that the material of product is ROHS compliant
and halogen free.
1
2
3
4
5
6
Rating
Symbol
Value
Unit
Collector–EmitterVoltage
VCEO
40
Vdc
Collector–BaseVoltage
VCBO
60
Vdc
Emitter–Base Voltage
VEBO
6.0
Vdc
Collector Current — Continuous
IC
600
mAdc
Rating
Symbol
Value
Unit
Collector–EmitterVoltage
VCEO
-40
Vdc
Collector–BaseVoltage
VCBO
-60
Vdc
Emitter–Base Voltage
V EBO
-5.0
Vdc
Collector Current — Continuous
IC
-600
mAdc


유사한 부품 번호 - FFB4413D

제조업체부품명데이터시트상세설명
logo
AVX Corporation
FFB44A0117K AVX-FFB44A0117K Datasheet
154Kb / 4P
Medium Power Film Capacitors
FFB44A0117K-- AVX-FFB44A0117K-- Datasheet
104Kb / 4P
Medium Power Film Capacitors
FFB44A0117KJC AVX-FFB44A0117KJC Datasheet
104Kb / 4P
Medium Power Film Capacitors
FFB44A0336K AVX-FFB44A0336K Datasheet
154Kb / 4P
Medium Power Film Capacitors
FFB44A0336K-- AVX-FFB44A0336K-- Datasheet
104Kb / 4P
Medium Power Film Capacitors
More results

유사한 설명 - FFB4413D

제조업체부품명데이터시트상세설명
logo
Transys Electronics
MMDT3906 TRSYS-MMDT3906 Datasheet
195Kb / 2P
DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Diodes Incorporated
MMDT2222V DIODES-MMDT2222V Datasheet
69Kb / 4P
DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30563 Rev. 2 - 0
logo
Leshan Radio Company
LMBT4413DW1T1G LRC-LMBT4413DW1T1G Datasheet
793Kb / 11P
DUAL SMALL SIGNAL SURFACE MOUNT TRANSISTOR
LMBT5541DW1T1G LRC-LMBT5541DW1T1G Datasheet
259Kb / 8P
DUAL SMALL SIGNAL SURFACE MOUNT TRANSISTOR
LMBT4401DW1T1G LRC-LMBT4401DW1T1G_15 Datasheet
408Kb / 6P
DUAL SMALL SIGNAL SURFACE MOUNT TRANSISTOR
LMBT4403DW1T1G LRC-LMBT4403DW1T1G_15 Datasheet
399Kb / 6P
DUAL SMALL SIGNAL SURFACE MOUNT TRANSISTOR
LMBT4413DW1T1G LRC-LMBT4413DW1T1G_15 Datasheet
898Kb / 11P
DUAL SMALL SIGNAL SURFACE MOUNT TRANSISTOR
LMBT5541DW1T1G LRC-LMBT5541DW1T1G_15 Datasheet
287Kb / 8P
DUAL SMALL SIGNAL SURFACE MOUNT TRANSISTOR
LMBT4401DW1T1G LRC-LMBT4401DW1T1G Datasheet
408Kb / 6P
DUAL SMALL SIGNAL SURFACE MOUNT TRANSISTOR
LMBT4403DW1T1G LRC-LMBT4403DW1T1G Datasheet
399Kb / 6P
DUAL SMALL SIGNAL SURFACE MOUNT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com