전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSC12X2 데이터시트(PDF) 23 Page - Microchip Technology

부품명 DSC12X2
상세설명  High Performance Differential MEMS Oscillators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC12X2 데이터시트(HTML) 23 Page - Microchip Technology

Back Button DSC12X2 Datasheet HTML 19Page - Microchip Technology DSC12X2 Datasheet HTML 20Page - Microchip Technology DSC12X2 Datasheet HTML 21Page - Microchip Technology DSC12X2 Datasheet HTML 22Page - Microchip Technology DSC12X2 Datasheet HTML 23Page - Microchip Technology DSC12X2 Datasheet HTML 24Page - Microchip Technology DSC12X2 Datasheet HTML 25Page - Microchip Technology DSC12X2 Datasheet HTML 26Page - Microchip Technology DSC12X2 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
 2019 Microchip Technology Inc.
DS20006011A-page 23
DSC12X2/3/4
6-Lead CDFN 5.0 mm x 3.2 mm Package Outline and Recommended Land Pattern



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32