전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSC12X2 데이터시트(PDF) 16 Page - Microchip Technology

부품명 DSC12X2
상세설명  High Performance Differential MEMS Oscillators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC12X2 데이터시트(HTML) 16 Page - Microchip Technology

Back Button DSC12X2 Datasheet HTML 12Page - Microchip Technology DSC12X2 Datasheet HTML 13Page - Microchip Technology DSC12X2 Datasheet HTML 14Page - Microchip Technology DSC12X2 Datasheet HTML 15Page - Microchip Technology DSC12X2 Datasheet HTML 16Page - Microchip Technology DSC12X2 Datasheet HTML 17Page - Microchip Technology DSC12X2 Datasheet HTML 18Page - Microchip Technology DSC12X2 Datasheet HTML 19Page - Microchip Technology DSC12X2 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
DSC12X2/3/4
DS20006011A-page 16
 2019 Microchip Technology Inc.
9.0
PACKAGING INFORMATION
9.1
Package Marking Information
Example
6-Pin CDFN/VDFN*
XXXXXXXX
0SSS
DCPYYWW
75M00000
0421
DCP1723
Legend: XX...X
Product code or customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
SSS
Alphanumeric traceability code
Pb-free JEDEC® designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
●, ▲, ▼ Pin one index is identified by a dot, delta up, or delta down (triangle
mark).
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information. Package may or may not include
the corporate logo.
Underbar (_) and/or Overbar (⎯) symbol may not be to scale.
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32