| 전자부품 데이터시트 검색엔진 |
|
PCF8811U/2DA/1 데이터시트(PDF) 28 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8811U/2DA/1 데이터시트(HTML) 28 Page - NXP Semiconductors |
|
28 / 73 page ![]() This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in _white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ... Set partial display X X 0 0 0 0 0 X 1 P6 0 P5 0 P4 1 P3 0 P2 X P1 X P0 set partial display 1 : 16 to 1 : 80 VOP setting 0 0 0 0 0 0 1 X 0 X 0 VPR5 0 VPR4 0 VPR3 0 VPR2 0 VPR1 1 VPR0 set VOP; notes 7 and 8 0 000 0100VOFF2 VOFF1 VOFF0 offset for the programming range VOP; notes 7 and 8 1 1 0 0 0 0 1 VPR7 0 VPR6 0 VPR5 0 VPR4 0 VPR3 0 VPR2 0 VPR1 1 VPR0 set VOP; note 4 Power control X 0 0 0 0101PC1 PC0 1 switch HVgen on/off HVgen stages 0 0 0 0 11001S1 S0 set multiplication factor 1 000 1100S2 S1 S0 set multiplication factor; note 4 FR 1 000 00111FR1 FR0 set frame rate frequency; note 4 TC(9) 1 000 0111TC2 TC1 TC0 set temperature coefficient; note 4 Bias system 0 0 0 0 1010BS2 BS1 BS0 set bias system; note 10 Manual p value (p = 4) 1 000 001101MP set manual p value; notes 4 and 11 Power-save on X 0 0 1 0101001 power-save mode Power-save off X 0 0 1 1100001 exit power-save mode Internal oscillator X 0 0 1 010101OS switch internal oscillator on/off Internal oscillator 1 0 0 1 110011EC enable or disable the internal or external oscillator; note 4 Enter CALMM mode X 001 0000010 enter CALMM mode Reserved X 0 0 0 0101X X 0 reserved Reserved X 0 0 0 111X X X X reserved Test X 001 111X X X X do not use; reserved for testing INSTRUCTION EXT(2) D/CR/W COMMAND BYTE DESCRIPTION D7(3) D6 D5 D4 D3 D2 D1 D0 |