전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CQ220I-12B 데이터시트(PDF) 1 Page - Central Semiconductor Corp

부품명 CQ220I-12B
상세설명  ISOLATED TAB TRIAC 12 AMP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CENTRAL [Central Semiconductor Corp]
홈페이지  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CQ220I-12B 데이터시트(HTML) 1 Page - Central Semiconductor Corp

  CQ220I-12B Datasheet HTML 1Page - Central Semiconductor Corp CQ220I-12B Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
145 Adams Avenue, Hauppauge, NY 11788 USA
Tel: (631) 435-1110 • Fax: (631) 435-1824


유사한 부품 번호 - CQ220I-12B

제조업체부품명데이터시트상세설명
logo
Central Semiconductor C...
CQ220I-12B CENTRAL-CQ220I-12B Datasheet
259Kb / 5P
6.0 AMP TRIAC 200 THRU 800 VOLTS
More results

유사한 설명 - CQ220I-12B

제조업체부품명데이터시트상세설명
logo
NTE Electronics
NTE56030 NTE-NTE56030 Datasheet
19Kb / 2P
TRIAC, 40 Amp Isolated Tab
NTE5638 NTE-NTE5638 Datasheet
19Kb / 2P
TRIAC - 8A Isolated Tab
NTE5645 NTE-NTE5645 Datasheet
19Kb / 2P
TRIAC - 10A Isolated Tab
logo
Central Semiconductor C...
CQ220I-8 CENTRAL-CQ220I-8 Datasheet
109Kb / 2P
ISOLATED TAB TRIAC 8.0 AMP 200 THRU 800 VOLTS
CQ218I-40B CENTRAL-CQ218I-40B Datasheet
109Kb / 2P
ISOLATED TAB TRIAC 40 AMP
CQ220-12B CENTRAL-CQ220-12B Datasheet
73Kb / 2P
12 AMP TRIAC
CQ220I-10B CENTRAL-CQ220I-10B Datasheet
106Kb / 2P
ISOLATED TAB TRIAC 10 AMP
CQ220I-16B CENTRAL-CQ220I-16B Datasheet
110Kb / 2P
ISOLATED RAB TRIAC 16 AMP
CQ92BT CENTRAL-CQ92BT Datasheet
73Kb / 2P
Triac 12 Amp, 600 Volt Triac Chip
CQ220-12B CENTRAL-CQ220-12B Datasheet
79Kb / 2P
12 AMP TRIAC
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com