전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

87C151SA 데이터시트(PDF) 25 Page - Intel Corporation

부품명 87C151SA
상세설명  HIGH-PERFORMANCE CHMOS MICROCONTROLLER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTEL [Intel Corporation]
홈페이지  http://www.intel.com
Logo INTEL - Intel Corporation

87C151SA 데이터시트(HTML) 25 Page - Intel Corporation

Back Button 87C151SA Datasheet HTML 21Page - Intel Corporation 87C151SA Datasheet HTML 22Page - Intel Corporation 87C151SA Datasheet HTML 23Page - Intel Corporation 87C151SA Datasheet HTML 24Page - Intel Corporation 87C151SA Datasheet HTML 25Page - Intel Corporation 87C151SA Datasheet HTML 26Page - Intel Corporation 87C151SA Datasheet HTML 27Page - Intel Corporation 87C151SA Datasheet HTML 28Page - Intel Corporation 87C151SA Datasheet HTML 29Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
8XC151SASB HIGH-PERFORMANCE CHMOS MICROCONTROLLER
AC CharacteristicsSerial Port Shift Register Mode
Table 10 Serial Port Timing Shift Register Mode
Symbol
Parameter
Min
Max
Units
TXLXL
Serial Port Clock Cycle Time
12TOSC
ns
TQVSH
Output Data Setup to Clock Rising Edge
10TOSC b 133
ns
TXHQX
Output Data Hold after Clock Rising Edge
2TOSC b 117
ns
TXHDX
Input Data Hold after Clock Rising Edge
0
ns
TXHDV
Clock Rising Edge to Input Data Valid
10TOSC b 133
ns
272814 – 12
TI and RI are set during S1P1 of the peripheral cycle following the shift of the eighth bit
Figure 12 Serial Port Waveform
Shift Register Mode
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33