전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

87C151SA 데이터시트(PDF) 27 Page - Intel Corporation

부품명 87C151SA
상세설명  HIGH-PERFORMANCE CHMOS MICROCONTROLLER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTEL [Intel Corporation]
홈페이지  http://www.intel.com
Logo INTEL - Intel Corporation

87C151SA 데이터시트(HTML) 27 Page - Intel Corporation

Back Button 87C151SA Datasheet HTML 23Page - Intel Corporation 87C151SA Datasheet HTML 24Page - Intel Corporation 87C151SA Datasheet HTML 25Page - Intel Corporation 87C151SA Datasheet HTML 26Page - Intel Corporation 87C151SA Datasheet HTML 27Page - Intel Corporation 87C151SA Datasheet HTML 28Page - Intel Corporation 87C151SA Datasheet HTML 29Page - Intel Corporation 87C151SA Datasheet HTML 30Page - Intel Corporation 87C151SA Datasheet HTML 31Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 33 page
background image
8XC151SASB HIGH-PERFORMANCE CHMOS MICROCONTROLLER
272814 – 15
For timing purposes a port pin is no longer floating when a 100 mV change from load voltage occurs and begins to float
when a 100 mV change from the loading VOH VOL level occurs with IOL IOH e g20 mA
Figure 15 Float Waveforms
272814 – 16
Figure 16 Setup for Programming and Verifying Nonvolatile Memory
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33