전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GRF2072 데이터시트(PDF) 8 Page - Guerrilla RF, Inc.

부품명 GRF2072
상세설명  Ultra-Low Noise Amplifier Tuning Range: 1.5 ??3.8 GHz
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GUERRILLA [Guerrilla RF, Inc.]
홈페이지  https://www.guerrilla-rf.com/
Logo GUERRILLA - Guerrilla RF, Inc.

GRF2072 데이터시트(HTML) 8 Page - Guerrilla RF, Inc.

Back Button GRF2072 Datasheet HTML 3Page - Guerrilla RF, Inc. GRF2072 Datasheet HTML 4Page - Guerrilla RF, Inc. GRF2072 Datasheet HTML 5Page - Guerrilla RF, Inc. GRF2072 Datasheet HTML 6Page - Guerrilla RF, Inc. GRF2072 Datasheet HTML 7Page - Guerrilla RF, Inc. GRF2072 Datasheet HTML 8Page - Guerrilla RF, Inc. GRF2072 Datasheet HTML 9Page - Guerrilla RF, Inc. GRF2072 Datasheet HTML 10Page - Guerrilla RF, Inc. GRF2072 Datasheet HTML 11Page - Guerrilla RF, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
GRF2072
Guerrilla RF Proprietary Information. Guerrilla RFTM and the composite logo of Guerrilla RFTM are trademarks of Guerrilla RF, Inc. ©2014 Guerrilla RF, Inc. All rights reserved.
Revision Date: 05/30/19
Please contact Guerrilla RF at (+1) 336-510-7840 or sales@guerrilla-rf.com
Released
Ultra-Low Noise Amplifier
Tuning Range: 1.5 – 3.8 GHz
GRF2072 Application Schematic
GRF2072 EVB Assembly Drawing



Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com