전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GRF2072 데이터시트(PDF) 1 Page - Guerrilla RF, Inc.

부품명 GRF2072
상세설명  Ultra-Low Noise Amplifier Tuning Range: 1.5 ??3.8 GHz
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GUERRILLA [Guerrilla RF, Inc.]
홈페이지  https://www.guerrilla-rf.com/
Logo GUERRILLA - Guerrilla RF, Inc.

GRF2072 데이터시트(HTML) 1 Page - Guerrilla RF, Inc.

  GRF2072 Datasheet HTML 1Page - Guerrilla RF, Inc. GRF2072 Datasheet HTML 2Page - Guerrilla RF, Inc. GRF2072 Datasheet HTML 3Page - Guerrilla RF, Inc. GRF2072 Datasheet HTML 4Page - Guerrilla RF, Inc. GRF2072 Datasheet HTML 5Page - Guerrilla RF, Inc. GRF2072 Datasheet HTML 6Page - Guerrilla RF, Inc. GRF2072 Datasheet HTML 7Page - Guerrilla RF, Inc. GRF2072 Datasheet HTML 8Page - Guerrilla RF, Inc. GRF2072 Datasheet HTML 9Page - Guerrilla RF, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
GRF2072
Guerrilla RF Proprietary Information. Guerrilla RFTM and the composite logo of Guerrilla RFTM are trademarks of Guerrilla RF, Inc. ©2014 Guerrilla RF, Inc. All rights reserved.
Revision Date: 05/30/19
Please contact Guerrilla RF at (+1) 336-510-7840 or sales@guerrilla-rf.com
Released
Ultra-Low Noise Amplifier
Tuning Range: 1.5 – 3.8 GHz
GRF2072 is a broadband, linear, ultra-low noise amplifi-
er designed for small cell, wireless infrastructure and
other high performance RF applications requiring ultra-
low NF, high gain and linearity.
This device is a member of a family of pin compatible,
ultra low noise devices which cover a wide range of fre-
quency bands with industry leading NF and gain:
GRF2070: 0.1 to 1.5 GHz
GRF2071: 0.7 to 2.7 GHz
GRF2072: 1.5 to 3.8 GHz
GRF2073: 2.0 to 6.0 GHz
GRF2074: 1.0 to 6.0 GHz (next-gen process)
Consult with the GRF applications engineering team for
application notes, custom tuning/evaluation board data
and device s-parameters.
Product Description
Features
Reference: 5V/70mA/2.5 GHz
• Gain: 19.8 dB
• Eval Board NF: 0.55 dB
• OP1dB: 20.0 dBm
• OIP3: 37.5 dBm
• Flexible Bias Voltage and Current
• Process: GaAs pHEMT
Applications
• Cellular Infrastructure
• Small Cells and Cellular Repeaters
• Distributed Antenna Systems


유사한 부품 번호 - GRF2072

제조업체부품명데이터시트상세설명
logo
Guerrilla RF, Inc.
GRF2070 GUERRILLA-GRF2070 Datasheet
857Kb / 11P
Ultra-Low Noise Amplifier Tuning Range: 0.1 to 1.5 GHz
GRF2071 GUERRILLA-GRF2071 Datasheet
1Mb / 11P
Ultra-Low Noise Amplifier Tuning Range: 0.7 ??2.7 GHz
GRF2071-W GUERRILLA-GRF2071-W Datasheet
1Mb / 14P
Ultra-Low Noise Amplifier Tuning Range: 0.7 to 2.7 GHz
GRF2073 GUERRILLA-GRF2073 Datasheet
842Kb / 11P
Ultra-Low Noise Amplifier Tuning Range: 2.0 to 6.0 GHz
GRF2073-W GUERRILLA-GRF2073-W Datasheet
1Mb / 19P
Ultra-Low Noise Amplifier Tuning Range: 2.0 to 6.0 GHz
More results

유사한 설명 - GRF2072

제조업체부품명데이터시트상세설명
logo
Skyworks Solutions Inc.
SKY67151-396LF SKYWORKS-SKY67151-396LF Datasheet
1Mb / 24P
0.7-3.8 GHz Ultra Low-Noise Amplifier
logo
Guerrilla RF, Inc.
GRF2070 GUERRILLA-GRF2070 Datasheet
857Kb / 11P
Ultra-Low Noise Amplifier Tuning Range: 0.1 to 1.5 GHz
GRF2071 GUERRILLA-GRF2071 Datasheet
1Mb / 11P
Ultra-Low Noise Amplifier Tuning Range: 0.7 ??2.7 GHz
GRF2082 GUERRILLA-GRF2082 Datasheet
1Mb / 11P
Ultra-LNA with Shutdown Tuning Range: 1.5 to 3.8 GHz
GRF2093 GUERRILLA-GRF2093 Datasheet
883Kb / 14P
Ultra-Low Noise Amplifier Tuning Range: 1.0 to 6.0 GHz
GRF2093-W GUERRILLA-GRF2093-W Datasheet
911Kb / 15P
Ultra-Low Noise Amplifier Tuning Range: 1.0 to 6.0 GHz
GRF5110 GUERRILLA-GRF5110 Datasheet
1Mb / 14P
28.8 dBm Power-LNA??Tuning Range: 1.5 ??3.8 GHz
GRF2051 GUERRILLA-GRF2051 Datasheet
977Kb / 13P
Ultra-Low Noise Amplifier Tuning Range: 0.7 – 3.8 GHz
05/31/19
GRF2052 GUERRILLA-GRF2052 Datasheet
1Mb / 14P
Ultra-Low Noise Amplifier Tuning Range: 1.7 – 4.5 GHz
05/31/19
GRF2093W GUERRILLA-GRF2093W Datasheet
878Kb / 15P
Ultra-Low Noise Amplifier Tuning Range: 1.0 to 6.0 GHz
09/12/22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com