전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PBSS4360PAS 데이터시트(PDF) 7 Page - Nexperia B.V. All rights reserved

부품명 PBSS4360PAS
상세설명  60 V, 3 A NPN low VCEsat (BISS) transistor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEXPERIA [Nexperia B.V. All rights reserved]
홈페이지  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PBSS4360PAS 데이터시트(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button PBSS4360PAS Datasheet HTML 3Page - Nexperia B.V. All rights reserved PBSS4360PAS Datasheet HTML 4Page - Nexperia B.V. All rights reserved PBSS4360PAS Datasheet HTML 5Page - Nexperia B.V. All rights reserved PBSS4360PAS Datasheet HTML 6Page - Nexperia B.V. All rights reserved PBSS4360PAS Datasheet HTML 7Page - Nexperia B.V. All rights reserved PBSS4360PAS Datasheet HTML 8Page - Nexperia B.V. All rights reserved PBSS4360PAS Datasheet HTML 9Page - Nexperia B.V. All rights reserved PBSS4360PAS Datasheet HTML 10Page - Nexperia B.V. All rights reserved PBSS4360PAS Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
NXP Semiconductors
PBSS4360PAS
60 V, 3 A NPN low VCEsat (BISS) transistor
PBSS4360PAS
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved
Product data sheet
16 October 2015
6 / 18
006aac000
10
1
102
103
Zth(j-a)
(K/W)
10- 1
10- 5
10
10- 2
10- 4
102
10- 1
tp (s)
10- 3
103
1
0
duty cycle = 1
0.01
0.02
0.05
0.1
0.2
0.33
0.5
0.75
FR4 PCB, mounting pad for collector 6 cm2
Fig. 4. Transient thermal impedance from junction to ambient as a function of pulse duration; typical values
aaa-013299
10
1
102
103
Zth(j-a)
(K/W)
10-1
10-5
10
10-2
10-4
102
10-1
tp (s)
10-3
103
1
duty cycle = 1
0.75
0
0.50
0.33
0.20
0.10
0.05
0.02
0.01
FR4 PCB, 4-layer copper, standard footprint
Fig. 5. Transient thermal impedance from junction to ambient as a function of pulse duration; typical values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com