전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PBSS4360PAS 데이터시트(PDF) 1 Page - Nexperia B.V. All rights reserved

부품명 PBSS4360PAS
상세설명  60 V, 3 A NPN low VCEsat (BISS) transistor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEXPERIA [Nexperia B.V. All rights reserved]
홈페이지  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PBSS4360PAS 데이터시트(HTML) 1 Page - Nexperia B.V. All rights reserved

  PBSS4360PAS Datasheet HTML 1Page - Nexperia B.V. All rights reserved PBSS4360PAS Datasheet HTML 2Page - Nexperia B.V. All rights reserved PBSS4360PAS Datasheet HTML 3Page - Nexperia B.V. All rights reserved PBSS4360PAS Datasheet HTML 4Page - Nexperia B.V. All rights reserved PBSS4360PAS Datasheet HTML 5Page - Nexperia B.V. All rights reserved PBSS4360PAS Datasheet HTML 6Page - Nexperia B.V. All rights reserved PBSS4360PAS Datasheet HTML 7Page - Nexperia B.V. All rights reserved PBSS4360PAS Datasheet HTML 8Page - Nexperia B.V. All rights reserved PBSS4360PAS Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Important notice
Dear Customer,
On 7 February 2017 the former NXP Standard Product business became a new company with the
tradename Nexperia. Nexperia is an industry leading supplier of Discrete, Logic and PowerMOS
semiconductors with its focus on the automotive, industrial, computing, consumer and wearable
application markets
In data sheets and application notes which still contain NXP or Philips Semiconductors references, use
the references to Nexperia, as shown below.
Instead of http://www.nxp.com, http://www.philips.com/ or http://www.semiconductors.philips.com/,
use http://www.nexperia.com
Instead of sales.addresses@www.nxp.com or sales.addresses@www.semiconductors.philips.com, use
salesaddresses@nexperia.com (email)
Replace the copyright notice at the bottom of each page or elsewhere in the document, depending on
the version, as shown below:
- © NXP N.V. (year). All rights reserved or © Koninklijke Philips Electronics N.V. (year). All rights
reserved
Should be replaced with:
- © Nexperia B.V. (year). All rights reserved.
If you have any questions related to the data sheet, please contact our nearest sales office via e-mail
or telephone (details via salesaddresses@nexperia.com). Thank you for your cooperation and
understanding,
Kind regards,
Team Nexperia


유사한 부품 번호 - PBSS4360PAS

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
PBSS4360PAS-Q NEXPERIA-PBSS4360PAS-Q Datasheet
306Kb / 15P
60 V, 3 A NPN low VCEsat transistor
17 March 2022
More results

유사한 설명 - PBSS4360PAS

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
PBSS4160T PHILIPS-PBSS4160T Datasheet
111Kb / 10P
60 V, 1 A NPN low VCEsat (BISS) transistor
2004 May 12
PBSS4160V NXP-PBSS4160V Datasheet
166Kb / 14P
60 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 03-11 December 2009
PBSS4260QA NXP-PBSS4260QA Datasheet
252Kb / 17P
60 V, 2 A NPN low VCEsat (BISS) transistor
28 August 2013
PBSS4041NT PHILIPS-PBSS4041NT_15 Datasheet
189Kb / 14P
60 V, 3.8 A NPN low VCEsat (BISS) transistor
Rev. 01-31 January 2010
PBSS4041NX PHILIPS-PBSS4041NX_15 Datasheet
254Kb / 14P
60 V, 6.2 A NPN low VCEsat (BISS) transistor
11 December 2012
PBSS4160V PHILIPS-PBSS4160V_15 Datasheet
166Kb / 14P
60 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 03-11 December 2009
PBSS4360Z PHILIPS-PBSS4360Z_15 Datasheet
263Kb / 14P
60 V, 3 A NPN low VCEsat (BISS) transistor
26 February 2014
logo
Nexperia B.V. All right...
PBSS4360X NEXPERIA-PBSS4360X Datasheet
254Kb / 13P
60 V, 3 A NPN low VCEsat BISS transistor
PBSS4360Z NEXPERIA-PBSS4360Z Datasheet
717Kb / 14P
60 V, 3 A NPN low VCEsat (BISS) transistor
PBSS303ND NEXPERIA-PBSS303ND Datasheet
279Kb / 17P
60 V, 3 A NPN low VCEsat (BISS) transistor
Rev. 02 - 14 December 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com